Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC2652AC-14D Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC2652AC-14D
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2652AC-14D Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TLC2652AC-14D Datasheet HTML 7Page - Texas Instruments TLC2652AC-14D Datasheet HTML 8Page - Texas Instruments TLC2652AC-14D Datasheet HTML 9Page - Texas Instruments TLC2652AC-14D Datasheet HTML 10Page - Texas Instruments TLC2652AC-14D Datasheet HTML 11Page - Texas Instruments TLC2652AC-14D Datasheet HTML 12Page - Texas Instruments TLC2652AC-14D Datasheet HTML 13Page - Texas Instruments TLC2652AC-14D Datasheet HTML 14Page - Texas Instruments TLC2652AC-14D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at VDD± = ±5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC2652Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
0.6
3
µV
Input offset voltage long-term drift (see Note 4)
VIC = 0,
RS = 50 Ω
0.003
0.006
µV/mo
IIO
Input offset current
VIC = 0,
RS = 50 Ω
2
60
pA
IIB
Input bias current
4
60
pA
−5
VICR
Common-mode input voltage range
RS = 50 Ω
−5
to
V
VICR
Common-mode input voltage range
RS = 50 Ω
to
3.1
V
VOM + Maximum positive peak output voltage swing
RL = 10 kΩ,
See Note 5
4.7
4.8
V
VOM − Maximum negative peak output voltage swing
RL = 10 kΩ,
See Note 5
− 4.7
− 4.9
V
AVD
Large-signal differential voltage amplification
VO = ± 4 V,
RL = 10 kΩ
120
150
dB
fch
Internal chopping frequency
450
Hz
Clamp on-state current
RL = 100 kΩ
25
µA
Clamp off-state current
VO = − 4 V to 4 V
100
pA
CMRR
Common-mode rejection ratio
VO = 0,
RS = 50 Ω
VIC = VICRmin,
120
140
dB
kSVR
Supply-voltage rejection ratio (
∆VDD /∆VIO)
VDD ± = ±1.9 V to ±8 V,
110
135
dB
kSVR
Supply-voltage rejection ratio (
∆VDD±/∆VIO)
RS = 50 Ω
VO = 0,
110
135
dB
IDD
Supply current
VO = 0,
No load
1.5
2.4
mA
NOTES:
4. Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
at TA = 25° using the Arrhenius equation and assuming an activation energy of 0.96 eV.
5. Output clamp is not connected.
operating characteristics at VDD± = ±5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC2652Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR +
Positive slew rate at unity gain
VO = ± 2.3 V,
RL = 10 kΩ,
2
2.8
V/
µs
SR −
Negative slew rate at unity gain
VO = ± 2.3 V,
CL = 100 pF
RL = 10 kΩ,
2.3
3.1
V/
µs
Vn
Equivalent input noise voltage
f = 10 Hz
94
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
23
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0 to 1 Hz
0.8
V
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0 to 10 Hz
2.8
µV
In
Equivalent input noise current
f = 1 kHz
pA/
√Hz
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF
RL = 10 kΩ,
1.9
MHz
φm
Phase margin at unity gain
RL = 10 kΩ,
CL = 100 pF
48
°


Numéro de pièce similaire - TLC2652AC-14D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC2652AC-14D TI-TLC2652AC-14D Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652AC-14D TI1-TLC2652AC-14D Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652AC-14DG4 TI-TLC2652AC-14DG4 Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Description similaire - TLC2652AC-14D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652AC-8DR TI-TLC2652AC-8DR Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_17 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801Z TI-TLC2801Z Datasheet
198Kb / 13P
[Old version datasheet]   Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_08 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
ICL7652P TI1-ICL7652P Datasheet
2Mb / 16P
[Old version datasheet]   Advanced LinCMOSTM PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_15 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com