Moteur de recherche de fiches techniques de composants électroniques |
|
TLC073CDR Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
TLC073CDR Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 54 page TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS219F − JUNE 1999 − REVISED DECEMBER 2011 9 WWW.TI.COM electrical characteristics at specified free-air temperature, VDD = 12 V (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT A Large-signal differential voltage V 8 V R 10 kΩ 25°C 120 140 dB AVD Large signal differential voltage amplification VO(PP) = 8 V, RL = 10 kΩ Full range 120 dB ri(d) Differential input resistance 25°C 1000 GΩ CIC Common-mode input capacitance f = 10 kHz 25°C 21.6 pF zo Closed-loop output impedance f = 10 kHz, AV = 10 25°C 0.25 Ω CMRR Common mode rejection ratio V 1 to 10 V R 50 Ω 25°C 80 100 dB CMRR Common-mode rejection ratio VIC = 1 to 10 V, RS = 50 Ω Full range 80 dB k Supply voltage rejection ratio VDD = 4.5 V to 16 V, VIC = VDD/2, 25°C 80 100 dB kSVR Supply voltage rejection ratio (ΔVDD /ΔVIO) VDD = 4.5 V to 16 V, No load VIC = VDD/2, Full range 80 dB I Supply current (per channel) V 75 V No load 25°C 2.1 2.9 mA IDD Supply current (per channel) VO = 7.5 V, No load Full range 3.5 mA I Supply current in shutdown mode (TLC070 TLC073 SHDN ≤ 08 V 25°C 125 200 A IDD(SHDN) mode (TLC070, TLC073, TLC075) (per channel) SHDN ≤ 0.8 V Full range 250 μA † Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C. |
Numéro de pièce similaire - TLC073CDR |
|
Description similaire - TLC073CDR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |