Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC085 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC085
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC085 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TLC085 Datasheet HTML 6Page - Texas Instruments TLC085 Datasheet HTML 7Page - Texas Instruments TLC085 Datasheet HTML 8Page - Texas Instruments TLC085 Datasheet HTML 9Page - Texas Instruments TLC085 Datasheet HTML 10Page - Texas Instruments TLC085 Datasheet HTML 11Page - Texas Instruments TLC085 Datasheet HTML 12Page - Texas Instruments TLC085 Datasheet HTML 13Page - Texas Instruments TLC085 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
0
-200
-400
-600
0.0 0.5 1.0 1.5 2.0 2.5 3.0
200
400
600
800
1000
3.5 4.0 4.5 5.0
VICR – Common-Mode Input Voltage – V
VDD = 5 V
TA = 25° C
300
100
-100
-300
-500
0
1
2
3
4
5
6
500
700
900
1100
1500
1300
VICR – Common-Mode Input Voltage – V
VDD = 12 V
TA = 25° C
7
8
9 10 11 12
T – Free-Air Temperature – C
A
°
-100
-55 -40
50
200
-10
5
150
100
-50
-25
20 35 50
IIB
VDD = 5 V
65 80 95 110 125
250
300
IIO
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20 25
30 35 40
45
50
IOH - High-Level Output Current - mA
VDD = 5 V
TA = 125°C
TA = 70°C
TA = 25°C
TA = 40 °C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10 15
20 25 30 35
40 45
50
IOL – Low-Level Output Current – mA
TA = 125°C
TA = 70°C
TA = 25°C
TA = 40 °C
VDD = 5 V
-120
-55 -40
-80
-20
-10
5
IIO
-40
-60
-100
-25
-140
-160
20 35 50
IIB
VDD = 12 V
65 80 95 110 125
0
20
T – Free-Air Temperature – °C
A
f – Frequency – Hz
100k
1000
1M
10M
10k
100
1k
100
10
1
0.10
0.01
AV = 100
AV = 1
AV = 10
VDD = 5 V and 12 V
TA = 25°C
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0
5
10 15
20 25 30 35 40 45
50
IOH – High-Level Output Current – mA
TA = 125°C
TA = 70°C
TA = 25°C
TA = 40 °C
VDD = 12 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10 15 20 25
30 35 40
45
50
TA = 125°C
TA = 25°C
TA = 40 °C
VDD = 12 V
TA = 70°C
I
– Low-Level Output Current – mA
OL
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
INPUT BIAS CURRENT AND
INPUT OFFSET VOLTAGE
INPUT OFFSET VOLTAGE
INPUT OFFSET CURRENT
vs
vs
vs
COMMON-MODE INPUT VOLTAGE
COMMON-MODE INPUT VOLTAGE
FREE-AIR TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
INPUT BIAS CURRENT AND
INPUT OFFSET CURRENT
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
vs
FREE-AIR TEMPERATURE
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 4.
Figure 5.
Figure 6.
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
OUTPUT IMPEDANCE
vs
vs
vs
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
10
Submit Documentation Feedback
Copyright
© 1999–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA


Numéro de pièce similaire - TLC085

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC085 TI-TLC085 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC085 TI-TLC085 Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC085 TI-TLC085 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC085 TI-TLC085 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC085 TI-TLC085 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Description similaire - TLC085

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com