Moteur de recherche de fiches techniques de composants électroniques |
|
TL5001 Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
TL5001 Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 32 page TL5001, TL5001A PULSE-WIDTH-MODULATION CONTROL CIRCUITS SLVS084F – APRIL 1994 – REVISED JANUARY 2002 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range, VCC = 6 V, fosc = 100 kHz (unless otherwise noted) (continued) oscillator PARAMETER TEST CONDITIONS TL5001Q, TL5001M TL5001AQ, TL5001AM UNIT MIN TYP† MAX MIN TYP† MAX Frequency TA = MIN to MAX Rt = 100 kΩ 100 100 kHz Standard deviation of frequency TA = MIN to MAX 2 2 kHz Frequency change with voltage TA = MIN to MAX VCC = 3.6 V to 40 V 1 1 kHz Frequency change with TA = MIN to MAX Q suffix *– 6 3 *6 *– 6 3 *6 kHz Frequency change with temperature TA = MIN to MAX M suffix *– 9 5 *9 *– 9 5 *9 kHz Voltage at RT TA = MIN to MAX 1 1 V † All typical values are at TA = 25°C. *Not production tested. dead-time control PARAMETER TEST CONDITIONS TL5001Q, TL5001M TL5001AQ, TL5001AM UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT Output (source) current TA = MIN to MAX V(DT) = 1.5 V 0.9 × IRT‡ 1.1 × IRT 0.9 × IRT‡ 1.1 × IRT µA TA =25°C Duty cycle = 0% 0.5 0.7 0.5 0.7 Input threshold TA = 25°C Duty cycle = 100% 1.3 1.5 1.3 1.5 V voltage TA = MIN to MAX Duty cycle = 0% 0.4 0.7 0.4 0.7 V TA = MIN to MAX Duty cycle = 100% 1.3 1.7 1.3 1.7 † All typical values are at TA = 25°C. ‡ Output source current at RT error amplifier PARAMETER TEST CONDITIONS TL5001Q, TL5001M TL5001AQ, TL5001AM UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT Input bias current TA = MIN to MAX – 160 – 500 – 160 – 500 nA Output voltage Positive TA = MIN to MAX 1.5 2.3 1.5 2.3 V Out ut voltage swing Negative TA = MIN to MAX 0.3 0.4 0.3 0.4 V Open-loop voltage amplification TA = MIN to MAX 80 80 dB Unity-gain bandwidth TA = MIN to MAX 1.5 1.5 MHz Output (sink) current TA = MIN to MAX VI(FB) = 1.2 V, COMP = 1 V 100 600 100 600 µA Output (source) current TA = MIN, 25°C VI(FB) =0 8V COMP = 1 V – 45 – 70 – 45 – 70 µA Output (source) current TA = MAX VI(FB) = 0.8 V, COMP = 1 V – 30 – 45 – 30 – 45 µA † All typical values are at TA = 25°C. |
Numéro de pièce similaire - TL5001 |
|
Description similaire - TL5001 |