Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8591 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TDA8591
Description  4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8591 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TDA8591 Datasheet HTML 3Page - NXP Semiconductors TDA8591 Datasheet HTML 4Page - NXP Semiconductors TDA8591 Datasheet HTML 5Page - NXP Semiconductors TDA8591 Datasheet HTML 6Page - NXP Semiconductors TDA8591 Datasheet HTML 7Page - NXP Semiconductors TDA8591 Datasheet HTML 8Page - NXP Semiconductors TDA8591 Datasheet HTML 9Page - NXP Semiconductors TDA8591 Datasheet HTML 10Page - NXP Semiconductors TDA8591 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
2002 Jan 14
7
Philips Semiconductors
Preliminary specification
4
× 44 W into 4 Ω or 4 × 75 W into 2 Ω
quad BTL car radio power amplifier
TDA8591J
7
FUNCTIONAL DESCRIPTION
The TDA8591J is an audio power amplifier with four
independent Bridge Tied Load (BTL) amplifiers with high
output power and low distortion. The gain of each amplifier
is fixed at 26 dB. The TDA8591J has two-pin mode control
which allows the amplifiers to be switched to standby (off)
with the STBY pin, and the MUTE/ON pin to be used to
switch between mute mode (input signal suppressed) and
amplifier operating mode.
Special attention is paid to dynamic behaviour:
• A fast mute that switches all amplifiers to mute mode at
low supply voltage and suppresses noise during engine
start
• No plops when switching between standby and mute
modes
• Slow offset change when switching from mute mode to
operating mode (can be adjusted by an external
capacitor)
• A fast mute function by discharging the external mute
capacitor quickly
The following protection circuits are included to prevent
the IC from being damaged:
• Thermal shutdown:
At junction temperature Tvj > 170 °C, all power stages
are switched off to prevent a further increase in
temperature
• Soft thermal clipping:
At junction temperature Tvj > 155 °C, the gain reduces
as temperature increases, resulting in less output power
and decreasing temperature and therefore no thermal
shutdown (no break in the audio)
• Short-circuit protection:
If a short-circuit to ground or supply voltage occurs at
one or more of the output pins, or across the load of one
or more of the channels, the following action occurs to
reduce power dissipation and case temperature
(see Figs 5 and 6):
– All amplifiers switch off for approximately 20 ms
– After 20 ms the amplifiers switch on again
– If the short-circuit persists, the amplifiers switch off for
another 20 ms period and the action repeats
• ESD protection:
– Human body model 2000 V
– Machine model 200 V
• Protection against open ground pins and outputs
short-circuited to supply ground (see Fig.30)
• All outputs protected are against open power supply
pins and outputs short-circuited to power supply voltage
(see Fig.31)
• With a reversed polarity power supply an external diode
conducts and a fuse blows and therefore the reversed
polarity voltage will not damage the device (see Fig.32).
7.1
Diagnostic facility
A diagnostic facility is available from the status of pin DIAG
for the following conditions:
• In normal operation, the level on the DIAG pin is
continuously HIGH (see Fig.3)
• When a temperature pre-warning occurs due to the
junction temperature Tvj reaching 145 °C, the DIAG pin
goes continuously LOW
• When there is distortion over 2.5% because of clipping,
the DIAG pin has a pulsed output as shown in Fig.4
• When a short-circuit is detected, the short-circuit
protection becomes active and DIAG goes continuously
LOW for the period of the short-circuit (see Figs 5 and 6)
• With an extreme output offset, input leakage current
causes a DC output offset voltage and results in power
dissipation in the loudspeakers. Therefore, if the
DC output offset voltage of a bridge is larger than 2 V,
DIAG is pulled LOW to indicate an error condition.
The DIAG pin has an open-drain output to allow several
devices to be tied together. An external pull-up resistor is
needed.


Numéro de pièce similaire - TDA8591

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594J NXP-TDA8594J Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594SD NXP-TDA8594SD Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results

Description similaire - TDA8591

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
   4 x 45 W Quad bridge car radio amplifier
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
   4 x 41 W quad bridge car radio amplifier
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com