Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL75xM12 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TL75xM12
Description  AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL75xM12 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TL75xM12 Datasheet HTML 7Page - Texas Instruments TL75xM12 Datasheet HTML 8Page - Texas Instruments TL75xM12 Datasheet HTML 9Page - Texas Instruments TL75xM12 Datasheet HTML 10Page - Texas Instruments TL75xM12 Datasheet HTML 11Page - Texas Instruments TL75xM12 Datasheet HTML 12Page - Texas Instruments TL75xM12 Datasheet HTML 13Page - Texas Instruments TL75xM12 Datasheet HTML 14Page - Texas Instruments TL75xM12 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Aug-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TL750M05QKTTRQ1
ACTIVE
DDPAK/
TO-263
KTT
3
500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-245C-168 HR
-40 to 125
TL750M05Q1
TL750M05QKVURQ1
ACTIVE
TO-252
KVU
3
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
750M05Q
TL750M08QKVURQ1
ACTIVE
TO-252
KVU
3
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
750M08Q
TL750M12QKTTRQ1
ACTIVE
DDPAK/
TO-263
KTT
3
500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-245C-168 HR
-40 to 125
TL750M12Q1
TL750M12QKVURQ1
ACTIVE
TO-252
KVU
3
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
750M12Q
TL751M05QKVURQ1
ACTIVE
TO-252
KVU
5
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
751M05Q
TL751M08QKTTRQ1
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-245C-168 HR
-40 to 125
TL751M08Q1
TL751M08QKVURQ1
ACTIVE
TO-252
KVU
5
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
751M08Q
TL751M12QKTTRQ1
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-245C-168 HR
-40 to 125
TL751M12Q1
TL751M12QKVURQ1
ACTIVE
TO-252
KVU
5
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
751M12Q
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Numéro de pièce similaire - TL75xM12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL75XL05 TI-TL75XL05 Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75XL05 TI-TL75XL05 Datasheet
521Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75XL08 TI-TL75XL08 Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75XL08 TI-TL75XL08 Datasheet
521Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75XL10 TI-TL75XL10 Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Description similaire - TL75xM12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL750M05-Q1 TI1-TL750M05-Q1 Datasheet
908Kb / 23P
[Old version datasheet]   AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
TL750M-Q1 TI-TL750M-Q1 Datasheet
195Kb / 12P
[Old version datasheet]   AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
TL751M08-Q1 TI-TL751M08-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com