Moteur de recherche de fiches techniques de composants électroniques |
|
TL33074 Fiches technique(PDF) 4 Page - Texas Instruments |
|
TL33074 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 6 page TL3x071, TL3x071A, TL3x072, TL3x072A, TL3x074, TL3x074A HIGHSLEW RATE, SINGLESUPPLY OPERATIONAL AMPLIFIERS SLOS097C − MARCH 1991 − REVISED AUGUST 1996 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TL3x07xA TL3x07x PARAMETER TEST CONDITIONS TA† MIN TYP‡ MAX MIN TYP‡ MAX UNIT VCC = 5 V 25 °C 0.5 3 1.5 5 VIO Input offset voltage VCC = ± 15 V 25 °C 0.5 3 1.0 5 mV VIO Input offset voltage VCC = ± 15 V Full range 5 7 mV αVIO Temperature coefficient of input offset voltage VIC = 0, V = 0, VCC = ± 15 V Full range 10 10 µV/°C IIO Input offset current VIC = 0, VO = 0, RS = 50 Ω VCC = ±15 V 25 °C 7 100 7 100 nA IIO Input offset current RS = 50 Ω VCC = ±15 V Full range 250 250 nA VCC = 5 V 25 °C − 0.8 −2 − 0.8 −2 IIB Input bias current VCC = 5 V Full range − 2.3 − 2.3 A IIB Input bias current VCC = ± 15 V 25 °C − 0.7 − 1.5 − 0.7 − 1.5 µA VCC = ± 15 V Full range − 1.8 − 1.8 VICR Common-mode input RS = 50 Ω 25 °C − 15 to 13.2 − 15 to 13.2 V VICR Common-mode input voltage range RS = 50 Ω Full range − 15 to 12.8 − 15 to 12.8 V VOH High-level output voltage VCC + = 5 V, VCC − = 0, RL = 2 kΩ 25 °C 3.7 4 3.7 4 V VOH High-level output voltage RL = 10 kΩ 25 °C 13.6 14 13.6 14 V RL = 2 kΩ Full range 13.4 13.4 VOL Low-level output voltage VCC + = 5 V, VCC − = 0, RL = 2 kΩ 25 °C 0.1 0.3 0.1 0.3 V VOL Low-level output voltage RL = 10 kΩ 25 °C − 14.7 − 14.3 − 14.7 − 14.3 V RL = 2 kΩ Full range − 13.5 − 13.5 AVD Large-signal differential VO = ± 10 V, RL = 2 kΩ 25 °C 50 100 25 100 V/mV AVD Large-signal differential voltage amplification VO = ± 10 V, RL = 2 kΩ Full range 25 20 V/mV IOS Short-circuit output current Source: VID = 1 V, VO = 0 25 °C −10 −30 −10 −30 mA IOS Short-circuit output current Sink: VID = − 1 V, VO = 0 25 °C 20 30 20 30 mA CMRR Common-mode VIC = VICRmin, 25 °C 80 97 70 97 dB CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω 25 °C 80 97 70 97 dB kSVR Supply-voltage rejection VCC ± = ±13.5 V 25 °C 80 97 70 97 dB kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VCC ± = ±13.5 V to ±16.5 V, RS = 100 Ω 25 °C 80 97 70 97 dB VO = 0, No Load 25 °C 3.5 4.5 3.5 4.5 ICC Supply current VO = 0, No Load Full range 4.7 4.7 mA ICC Supply current (per channel) VCC + = 5 V, VCC − = 0, 25 °C 3.4 4.4 3.4 4.4 mA (per channel) VO = 0, No Load Full range 4.6 4.6 † Full range is 0°C to 70°C for the TL3407x devices, and −40°C to 105°C for the TL3307x devices, and −55°C to 125°C for the TL3507x devices. ‡ All typical values are at TA = 25°C. |
Numéro de pièce similaire - TL33074 |
|
Description similaire - TL33074 |