Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL16C450FNRG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TL16C450FNRG4
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C450FNRG4 Fiches technique(HTML) 1 Page - Texas Instruments

  TL16C450FNRG4 Datasheet HTML 1Page - Texas Instruments TL16C450FNRG4 Datasheet HTML 2Page - Texas Instruments TL16C450FNRG4 Datasheet HTML 3Page - Texas Instruments TL16C450FNRG4 Datasheet HTML 4Page - Texas Instruments TL16C450FNRG4 Datasheet HTML 5Page - Texas Instruments TL16C450FNRG4 Datasheet HTML 6Page - Texas Instruments TL16C450FNRG4 Datasheet HTML 7Page - Texas Instruments TL16C450FNRG4 Datasheet HTML 8Page - Texas Instruments TL16C450FNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TL16C450
ASYNCHRONOUS COMMUNICATIONS ELEMENT
SLLS037C − MARCH 1988 − REVISED JANUARY 2006
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Programmable Baud Rate Generator Allows
Division of Any Input Reference Clock by 1
to (216 −1) and Generates an Internal 16
×
Clock
D Full Double Buffering Eliminates the Need
for Precise Synchronization
D Standard Asynchronous Communication
Bits (Start, Stop, and Parity) Added or
Deleted to or From the Serial Data Stream
D Independent Receiver Clock Input
D Transmit, Receive, Line Status, and Data
Set Interrupts Independently Controlled
D Fully Programmable Serial Interface
Characteristics:
− 5 -, 6 -, 7 -, or 8-Bit Characters
− Even -, Odd -, or No-Parity Bit Generation
and Detection
− 1 -, 1 1/2 -, or 2-Stop Bit Generation
− Baud Generation (dc to 256 Kbit/s)
D False Start Bit Detection
D Complete Status Reporting Capabilities
D 3-State TTL Drive Capabilities for
Bidirectional Data Bus and Control Bus
D Line Break Generation and Detection
D Internal Diagnostic Capabilities:
− Loopback Controls for Communications
Link Fault Isolation
− Break, Parity, Overrun, Framing Error
Simulation
D Fully Prioritized Interrupt System Controls
D Modem Control Functions (CTS, RTS, DSR,
DTR, RI, and DCD)
D Easily Interfaces to Most Popular
Microprocessors
D Faster Plug-In Replacement for National
Semiconductor NS16C450
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
D0
D1
D2
D3
D4
D5
D6
D7
RCLK
SIN
SOUT
CS0
CS1
CS2
BAUDOUT
XTAL1
XTAL2
DOSTR
DOSTR
VSS
VCC
RI
DCD
DSR
CTS
MR
OUT1
DTR
RTS
OUT2
INTRPT
NC
A0
A1
A2
ADS
CSOUT
DDIS
DISTR
DISTR
N PACKAGE
(TOP VIEW)
MR
OUT1
DTR
RTS
OUT2
NC
INTRPT
NC
A0
A1
A2
39
38
37
36
35
34
33
32
31
30
29
18 19
7
8
9
10
11
12
13
14
15
16
17
D5
D6
D7
RCLK
SIN
NC
SOUT
CS0
CS1
CS2
BAUDOUT
20 21 22 23
FN PACKAGE
(TOP VIEW)
54
3
2
1
644
42 41 40
43
24 25 26 27 28
NC − No internal connection
NOTE: 40-pin DIP (N package) will be obsoleted as of 7/30/2006. Please
contact your local distributor or TI Sales Office for more information.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1988 − 2006, Texas Instruments Incorporated


Numéro de pièce similaire - TL16C450FNRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C450FN TI-TL16C450FN Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results

Description similaire - TL16C450FNRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com