Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDC7201ZAXT Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TDC7201ZAXT
Description  TDC7201 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR, Range Finders, and ADAS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TDC7201ZAXT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TDC7201ZAXT Datasheet HTML 6Page - Texas Instruments TDC7201ZAXT Datasheet HTML 7Page - Texas Instruments TDC7201ZAXT Datasheet HTML 8Page - Texas Instruments TDC7201ZAXT Datasheet HTML 9Page - Texas Instruments TDC7201ZAXT Datasheet HTML 10Page - Texas Instruments TDC7201ZAXT Datasheet HTML 11Page - Texas Instruments TDC7201ZAXT Datasheet HTML 12Page - Texas Instruments TDC7201ZAXT Datasheet HTML 13Page - Texas Instruments TDC7201ZAXT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Temperature (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
25
85
D013
ISH TDC1 (uA)
ISH TDC2 (uA)
VDD (V)
0.2
0.22
0.24
0.26
0.28
0.3
0.32
2
3.3
3.6
D010
ISH TDC1 (uA)
ISH TDC2 (uA)
VDD (V)
45
47
49
51
53
55
2
3.3
3.6
D007
IQD TDC1 (uA)
IQD TDC2 (uA)
Temperature (°C)
45
50
55
60
65
70
-40
25
85
D008
IQD TDC1 (uA)
IQD TDC2 (uA)
VDD (V)
45
50
55
60
65
70
2
3.3
3.6
D005
IQC TDC1 (uA)
IQC TDC2 (uA)
Temperature (°C)
45
50
55
60
65
70
-40
25
85
D006
IQC TDC1 (uA)
IQC TDC2 (uA)
10
TDC7201
SNAS686 – MAY 2016
www.ti.com
Product Folder Links: TDC7201
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C , VDD1 = VDD2 = 3.3 V, GND1 = GND2 = 0 V, CLOCK = 8 MHz, CALIBRATION2_PERIODS = 10,
AVG_CYCLES = 1 Measurement, NUM_STOP = Single STOP, Measurement Mode 2 (unless otherwise noted).
Figure 14. Operating Current (IQC) vs VDD
Figure 15. Operating Current (IQC) vs Temperature
Figure 16. Operating Current (IQD) vs VDD
Figure 17. Operating Current (IQD) vs Temperature
Figure 18. Shutdown Current (ISH) vs VDD
Figure 19. Shutdown Current (ISH) vs Temperature


Numéro de pièce similaire - TDC7201ZAXT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TDC7200 TI1-TDC7200 Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200EVM TI1-TDC7200EVM Datasheet
13Mb / 24P
[Old version datasheet]   TDC7200EVM User?셲 Guide
TDC7200PW TI1-TDC7200PW Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200PWR TI1-TDC7200PWR Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
More results

Description similaire - TDC7201ZAXT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
logo
Espros Photonics corp
EPC600 EPC-EPC600 Datasheet
650Kb / 30P
   Time-of-flight range-finder chip
logo
ASM GmbH
PD-TDC-24VDC ASM-SENSOR-PD-TDC-24VDC Datasheet
168Kb / 4P
   Digital Process Meter for Time-of-Flight Sensors
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Banner Engineering Corp...
LT3BD BANNER-LT3BD Datasheet
396Kb / 9P
   LT3BD Long-Range Time-of-Flight Laser Sensor
LT7 BANNER-LT7 Datasheet
976Kb / 20P
   LT7 Long-Range Time-of-Flight Laser Sensor
logo
STMicroelectronics
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
   Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com