Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDC7201ZAXT Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TDC7201ZAXT
Description  TDC7201 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR, Range Finders, and ADAS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TDC7201ZAXT Fiches technique(HTML) 4 Page - Texas Instruments

  TDC7201ZAXT Datasheet HTML 1Page - Texas Instruments TDC7201ZAXT Datasheet HTML 2Page - Texas Instruments TDC7201ZAXT Datasheet HTML 3Page - Texas Instruments TDC7201ZAXT Datasheet HTML 4Page - Texas Instruments TDC7201ZAXT Datasheet HTML 5Page - Texas Instruments TDC7201ZAXT Datasheet HTML 6Page - Texas Instruments TDC7201ZAXT Datasheet HTML 7Page - Texas Instruments TDC7201ZAXT Datasheet HTML 8Page - Texas Instruments TDC7201ZAXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
TDC7201
SNAS686 – MAY 2016
www.ti.com
Product Folder Links: TDC7201
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
Pins VDD1 and VDD2 must be tied together at the board level and supplied from the same source.
(5)
When the terminal input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > VDD), the current at that pin must not exceed
5 mA (source or sink), and the voltage (VI) at the pin must not exceed 3.9 V.
6 Specifications
6.1 Absolute Maximum Ratings
at TA = 25°C , VDD1 = VDD2 = 3.3 V, GND1 = GND2 = 0 V (unless otherwise noted).
(1) (2) (3) (4) (5)
MIN
MAX
UNIT
VDD
Supply voltage
–0.3
3.9
V
VI
Voltage on VREG1, VREG2 pins
–0.3
1.65
V
Terminal input voltage on any other pin
–0.3
VDD + 0.3
VDIFF_IN
|Voltage differential| between any two input terminals
3.9
V
VIN_GND_VDD
|Voltage differential| between any input terminal and GND or VDD
3.9
V
II
Input current at any pin
–5
5
mA
TA
Ambient temperature
–40
125
°C
Tstg
Storage temperature
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
Specified by design.
(2)
Applies to both pairs of START1, STOP1 and START2, STOP2 pins.
(3)
Minimum time between 2 stop signals applies to 2 stop signals on the same TDC.
6.3 Recommended Operating Conditions
At TA = 25°C , VDD1 = VDD2 = 3.3 V, GND1 = GND2 = 0 V (unless otherwise noted).
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2
3.6
V
VI
Terminal voltage
0
VDD
V
VIH
Voltage input high
0.7 × VDD
3.6
V
VIL
Voltage input low
0
0.3 × VDD
V
FCALIB_CLK
Frequency (reference or calibration clock)
1 (1)
8
16
MHz
tCLOCK
Time period (reference or calibration clock)
62.5
125
1000
ns
DUTYCLOCK
Input clock duty cycle
50%
TIMING REQUIREMENTS: Measurement Mode 1 (1)(2)(3)
T1Min_STARTSTOP
Minimum time between start and stop signal
12
ns
T1Max_STARTSTOP
Maximum time between start and stop signal
2000
ns
T1Min_STOPSTOP
Minimum time between 2 stop signals
67
ns
T1Max_LASTSTOP
Maximum time between start and last stop signal
2000
ns
TIMING REQUIREMENTS: Measurement Mode 2(1)(2)(3)
T2Min_STARTSTOP
Minimum time between start and stop signal
2 × tCLOCK
s
T2Max_STARTSTOP
Maximum time between start and stop signal
(216-2) × tCLOCK
s
T2Min_STOPSTOP
Minimum time between 2 stop signals
2 × tCLOCK
s
T2Max_LASTSTOP
Maximum time between start and last stop signal
(216-2) × tCLOCK
s


Numéro de pièce similaire - TDC7201ZAXT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TDC7200 TI1-TDC7200 Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200EVM TI1-TDC7200EVM Datasheet
13Mb / 24P
[Old version datasheet]   TDC7200EVM User?셲 Guide
TDC7200PW TI1-TDC7200PW Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200PWR TI1-TDC7200PWR Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
More results

Description similaire - TDC7201ZAXT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
logo
Espros Photonics corp
EPC600 EPC-EPC600 Datasheet
650Kb / 30P
   Time-of-flight range-finder chip
logo
ASM GmbH
PD-TDC-24VDC ASM-SENSOR-PD-TDC-24VDC Datasheet
168Kb / 4P
   Digital Process Meter for Time-of-Flight Sensors
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Banner Engineering Corp...
LT3BD BANNER-LT3BD Datasheet
396Kb / 9P
   LT3BD Long-Range Time-of-Flight Laser Sensor
LT7 BANNER-LT7 Datasheet
976Kb / 20P
   LT7 Long-Range Time-of-Flight Laser Sensor
logo
STMicroelectronics
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
   Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com