Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4947 Fiches technique(PDF) 2 Page - Diode Semiconductor Korea

No de pièce 1N4947
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DSK [Diode Semiconductor Korea]
Site Internet  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1N4947 Fiches technique(HTML) 2 Page - Diode Semiconductor Korea

  1N4947 Datasheet HTML 1Page - Diode Semiconductor Korea 1N4947 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
0
1
8.3ms Single Half
Sine-Wave
10
20
30
50
40
4
240
20
10
8
6
100
80
60
0 .6
0 .8
1 .0
1 .2
1 .4
1 .6
0 .0 1
0 .0 2
0 .0 6
0 .0 4
0 .1
0 .2
0 .4
1 .0
2
4
10
100
T J =25
P u ls e W idth= 300
µ S
1.8
2.0
.2
25
0
50
75
.4.
.6
.8
1.0
125
100
150
175
Single Phase
Half Wave 60H Z
Resistive or
Inductive Load
-1.0A
-0.25A
0
+0.5A
trr
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(-)
(+ )
FIG.2 --FORWARDDERATINGCURVE
FIG.3 -- TYPICAL FORWARDCHARACTERISTICS
NOTES: 1. RISETIME=7ns MAX. INPUTIMPEDANCE=1M . 22PF
2. RISETIME=10ns MAX. SOURCEIMPEDANCE=50
SETTIMEBASE FOR 50/100ns /cm
FIG.1 -- REVERSERECOVERYTIMECHARACTERISTICANDTEST CIRCUIT DIAGRAM
1N4942---1N4948
NUMBEROF CYCLES AT60 Hz
REVERSE VOLTAGE,VOLTS
FIG.4--PEAKFORWARDSURGECURRENT
FIG.5-- TYPICAL JUNCTIONCAPACITANCE
AMBIENTTEMPERATURE,
INSTANTANEOUS FORWARDVOLTAGE,VOLTS
Diode Semiconductor Korea
www.diode.kr


Numéro de pièce similaire - 1N4947

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
1N4947 PANJIT-1N4947 Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Nanjing International G...
1N4947 DGNJDZ-1N4947 Datasheet
219Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Semtech Corporation
1N4947 SEMTECH-1N4947 Datasheet
91Kb / 2P
   Axial Leaded Hermetically Sealed Fast Recovery Rectifier Diodes
logo
Pan Jit International I...
1N4947 PANJIT-1N4947 Datasheet
69Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Transys Electronics
1N4947 TRSYS-1N4947 Datasheet
162Kb / 3P
   FAST SWITCHING PLASTIC RECTIFIER
More results

Description similaire - 1N4947

FabricantNo de pièceFiches techniqueDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com