Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCAN1051H-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCAN1051H-Q1
Description  Fault Protected CAN Transceiver with CAN FD
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1051H-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TCAN1051H-Q1 Datasheet HTML 4Page - Texas Instruments TCAN1051H-Q1 Datasheet HTML 5Page - Texas Instruments TCAN1051H-Q1 Datasheet HTML 6Page - Texas Instruments TCAN1051H-Q1 Datasheet HTML 7Page - Texas Instruments TCAN1051H-Q1 Datasheet HTML 8Page - Texas Instruments TCAN1051H-Q1 Datasheet HTML 9Page - Texas Instruments TCAN1051H-Q1 Datasheet HTML 10Page - Texas Instruments TCAN1051H-Q1 Datasheet HTML 11Page - Texas Instruments TCAN1051H-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
8
TCAN1051H, TCAN1051HV
TCAN1051HG, TCAN1051HGV
SLLSES8B – MARCH 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TCAN1051H TCAN1051HV TCAN1051HG TCAN1051HGV
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended operating conditions, TA = –55°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RECEIVER ELECTRICAL CHARACTERISTICS
VCM
Common mode range, normal mode
See Figure 6, Table 6 and Table 1, S = 0 or
VCC or VIO
-30
+30
V
VIT+
Positive-going input threshold voltage, all modes
See Figure 6, Table 6 and Table 1, S = 0 or
VCC or VIO, -20 V ≤ VCM ≤ +20 V
900
mV
VIT–
Negative-going input threshold voltage, all
modes
500
VIT+
Positive-going input threshold voltage, all modes
See Figure 6, Table 6 and Table 1, S = 0 or
VCC or VIO, -30 V ≤ VCM ≤ +30 V
1000
VIT–
Negative-going input threshold voltage, all
modes
400
VHYS
Hysteresis voltage (VIT+ - VIT–)
See Figure 6, Table 6 and Table 1, S = 0 or
VCC or VIO
120
mV
Ilkg(IOFF)
Power-off (unpowered) bus input leakage current
CANH = CANL = 5 V, VCC = VIO = 0 V
4.8
µA
CI
Input capacitance to ground (CANH or CANL)
TXD = VCC, VIO = VCC, VI = 0.4 * sin (4E6 *
π * t) + 2.5 V
24
30
pF
CID
Differential input capacitance
TXD = VCC, VIO = VCC, VI = 0.4 * sin (4E6 *
π * t)
12
15
pF
RID
Differential input resistance
TXD = VCC = VIO = 5 V, S = 0 V
30
80
k
RIN
Input resistance (CANH or CANL)
15
40
k
RIN(M)
Input resistance matching:
[1 – RIN(CANH) / RIN(CANL)] × 100%
VCANH = VCANL
–2%
+2%


Numéro de pièce similaire - TCAN1051H-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1051H-Q1 TI1-TCAN1051H-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H-Q1 TI1-TCAN1051H-Q1 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Description similaire - TCAN1051H-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com