Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCAN1051GV-Q1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCAN1051GV-Q1
Description  Automotive Fault Protected CAN Transceiver with CAN FD
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1051GV-Q1 Fiches technique(HTML) 5 Page - Texas Instruments

  TCAN1051GV-Q1 Datasheet HTML 1Page - Texas Instruments TCAN1051GV-Q1 Datasheet HTML 2Page - Texas Instruments TCAN1051GV-Q1 Datasheet HTML 3Page - Texas Instruments TCAN1051GV-Q1 Datasheet HTML 4Page - Texas Instruments TCAN1051GV-Q1 Datasheet HTML 5Page - Texas Instruments TCAN1051GV-Q1 Datasheet HTML 6Page - Texas Instruments TCAN1051GV-Q1 Datasheet HTML 7Page - Texas Instruments TCAN1051GV-Q1 Datasheet HTML 8Page - Texas Instruments TCAN1051GV-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
TCAN1051-Q1, TCAN1051V-Q1, TCAN1051H-Q1
TCAN1051HV-Q1, TCAN1051G-Q1, TCAN1051GV-Q1
TCAN1051HG-Q1, TCAN1051HGV-Q1
www.ti.com
SLLSET0B – MARCH 2016 – REVISED MAY 2016
Product Folder Links: TCAN1051-Q1 TCAN1051V-Q1 TCAN1051H-Q1 TCAN1051HV-Q1 TCAN1051G-Q1
TCAN1051GV-Q1 TCAN1051HG-Q1 TCAN1051HGV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
5-V Bus Supply Voltage Range
4.5
5.5
V
VIO
I/O Level-Shifting Voltage Range
2.8
5.5
IOH(RXD)
RXD terminal HIGH level output current
–2
mA
IOL(RXD)
RXD terminal LOW level output current
2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(4)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(5)
The junction-to-top characterization parameter,
ΨJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ΨJB estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
7.4 Thermal Information
THERMAL METRIC(1)
TEST CONDITIONS
TCAN1051-Q1
UNIT
D (SOIC)
DRB (VSON)
8 Pins
8 Pins
RθJA
Junction-to-air thermal resistance
High-K thermal resistance(2)
105.8
40.2
°C/W
RθJB
Junction-to-board thermal resistance(3)
46.8
49.7
°C/W
RθJC(TO
P)
Junction-to-case (top) thermal resistance(4)
48.3
15.7
°C/W
ΨJT
Junction-to-top characterization
parameter(5)
8.7
0.6
°C/W
ΨJB
Junction-to-board characterization
parameter(6)
46.2
15.9
°C/W
PD
Average power dissipation
VCC = 5 V, VIO = 5 V (if applicable), TJ =
27°C, RL = 60 Ω, S at 0 V, Input to TXD at
250 kHz, CL_RXD = 15 pF. Typical CAN
operating conditions at 500 kbps with 25%
transmission (dominant) rate.
52
TBD
mW
VCC = 5.5 V, VIO = 5.5 V (if applicable), TJ =
150°C, RL = 50 Ω, S at 0 V, Input to TXD at
500 kHz, CL_RXD = 15 pF. Typical high load
CAN operating conditions at 1 Mbps with
50% transmission (dominant) rate and
loaded network.
124
TBD
TTSD
Thermal shutdown temperature
170
TBD
°C
TTSD_HY
S
Thermal shutdown hysteresis
5
TBD
°C


Numéro de pièce similaire - TCAN1051GV-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1051GV-Q1 TI1-TCAN1051GV-Q1 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Description similaire - TCAN1051GV-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com