Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM1030_1998 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TCM1030_1998
Description  DUAL TRANSIENT-VOLTAGE SUPPRESSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCM1030_1998 Fiches technique(HTML) 2 Page - Texas Instruments

  TCM1030_1998 Datasheet HTML 1Page - Texas Instruments TCM1030_1998 Datasheet HTML 2Page - Texas Instruments TCM1030_1998 Datasheet HTML 3Page - Texas Instruments TCM1030_1998 Datasheet HTML 4Page - Texas Instruments TCM1030_1998 Datasheet HTML 5Page - Texas Instruments TCM1030_1998 Datasheet HTML 6Page - Texas Instruments TCM1030_1998 Datasheet HTML 7Page - Texas Instruments TCM1030_1998 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TCM1030, TCM1050
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
SCTS040B – JUNE 1989 – REVISED JUNE 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Q1
TIP
GND
GND
VS
RING
Trip
Circuit
Q2
D1
D2
1
2
4
8
7
6
5
Trip
Circuit
TIP
RING
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
TCM1030 nonrepetitive peak surge current (see Note 1): 10/1000
±16 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10/160
±25 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2/10
±35 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TCM1050 nonrepetitive peak positive surge current:
10/1000
30 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 1)
10/160
45 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2/10
50 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TCM1050 nonrepetitive peak negative surge current:
10/1000
– 25 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 1)
10/160
– 29 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2/10
– 36 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Nonrepetitive peak surge current, tw = 10 ms, half sinewave (see Note 2)
5 A
. . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous 60-Hz sinewave at 1 A
2 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or P package
260
°C
. . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1 The notation 10/1000 refers to a waveshape having tr = 10 µs and tw = 1000 µs ending at 50% of the peak value. The notation 10/160
is tr = 10 µs and tw = 160 µs. The notation 2/10 is tr = 2 µs and tw = 10 µs.
2. This value applies when the case temperature is at or below 85
°C. The surge current may be repeated after the device has returned
to thermal equilibrium.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
OPERATING FACTOR
TA = 85°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
D
725 mW
5.8 mW/
°C
377 mW
P
1000 mW
8.0 mW/
°C
520 mW


Numéro de pièce similaire - TCM1030_1998

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM1030 TI1-TCM1030_14 Datasheet
118Kb / 9P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
More results

Description similaire - TCM1030_1998

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM1030 TI1-TCM1030_14 Datasheet
118Kb / 9P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050DR TI1-TCM1050DR Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI-TCM1030_99 Datasheet
78Kb / 6P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI-TCM1030 Datasheet
114Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
logo
Power Innovations Ltd
TISP1072F3 POINN-TISP1072F3 Datasheet
483Kb / 17P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP1082 POINN-TISP1082 Datasheet
248Kb / 11P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3082 POINN-TISP3082 Datasheet
123Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8