Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCAN1042HD Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCAN1042HD
Description  Fault Protected CAN Transceiver with CAN FD
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042HD Fiches technique(HTML) 4 Page - Texas Instruments

  TCAN1042HD Datasheet HTML 1Page - Texas Instruments TCAN1042HD Datasheet HTML 2Page - Texas Instruments TCAN1042HD Datasheet HTML 3Page - Texas Instruments TCAN1042HD Datasheet HTML 4Page - Texas Instruments TCAN1042HD Datasheet HTML 5Page - Texas Instruments TCAN1042HD Datasheet HTML 6Page - Texas Instruments TCAN1042HD Datasheet HTML 7Page - Texas Instruments TCAN1042HD Datasheet HTML 8Page - Texas Instruments TCAN1042HD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
TCAN1042H, TCAN1042HG
TCAN1042HGV, TCAN1042HV
SLLSES7A – MARCH 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TCAN1042H TCAN1042HG TCAN1042HGV TCAN1042HV
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to ground terminal.
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VCC
5-V bus supply voltage range
–0.3
7
V
VIO
I/O Level Shifting Voltage Range
Devices with the "V" suffix
–0.3
7
V
VBUS
CAN Bus I/O voltage range
(CANH, CANL)
Devices with the "H" suffix
–70
70
V
V(Logic_Input)
Logic input terminal voltage range (TXD, STB)
–0.3
7 and VI ≤ VIO + 0.3
V
V(Logic_Output)
Logic output terminal voltage range (RXD)
–0.3
7 and VI ≤ VIO + 0.3
V
IO(RXD)
RXD (Receiver) output current
–8
8
mA
TJ
Operating virtual junction temperature range (see Thermal
Information)
–55
150
°C
(1)
Tested in accordance to JEDEC Standard 22, Test Method A114.
(2)
Test method based upon JEDEC Standard 22 Test Method A114, CAN bus is stressed with respect to GND.
(3)
Tested in accordance to JEDEC Standard 22, Test Method C101.
(4)
Tested in accordance to JEDEC Standard 22, Test Method A115.
7.2 ESD Ratings
TEST CONDITIONS
VALUE
UNIT
Human Body Model (HBM) ESD stress voltage
All terminals(1)
±6000
V
CAN bus terminals (CANH, CANL) to GND(2)
±16000
Charged Device Model (CDM) ESD stress voltage
All terminals(3)
±750
V
Machine Model (MM)
All terminals(4)
±200
System Level Electro-Static Discharge (ESD)
CAN bus terminals
(CANH, CANL) to
GND
IEC 61000-4-2: Unpowered
Contact Discharge
±15000
V
IEC 61000-4-2: Powered on
Contact Discharge
±8000
System Level Electrical fast transient (EFT)
CAN bus terminals
(CANH, CANL) to
GND
IEC 61000-4-2: Powered on
Contact Discharge, Criteria A
±4000
V


Numéro de pièce similaire - TCAN1042HD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1042HD TI1-TCAN1042HD Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
TCAN1042HDQ1 TI1-TCAN1042HDQ1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
TCAN1042HDQ1 TI1-TCAN1042HDQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042HDQ1 TI1-TCAN1042HDQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042HDR TI1-TCAN1042HDR Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
More results

Description similaire - TCAN1042HD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com