Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCAN1042HV-Q1 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCAN1042HV-Q1
Description  Automotive Fault Protected CAN Transceiver with CAN FD
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042HV-Q1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TCAN1042HV-Q1 Datasheet HTML 6Page - Texas Instruments TCAN1042HV-Q1 Datasheet HTML 7Page - Texas Instruments TCAN1042HV-Q1 Datasheet HTML 8Page - Texas Instruments TCAN1042HV-Q1 Datasheet HTML 9Page - Texas Instruments TCAN1042HV-Q1 Datasheet HTML 10Page - Texas Instruments TCAN1042HV-Q1 Datasheet HTML 11Page - Texas Instruments TCAN1042HV-Q1 Datasheet HTML 12Page - Texas Instruments TCAN1042HV-Q1 Datasheet HTML 13Page - Texas Instruments TCAN1042HV-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Temperature (°C)
-55
-35
-15
5
25
45
65
85
105
125
1.41
1.42
1.43
1.44
1.45
1.46
1.47
1.48
D003
Temperature (°C)
-55
-35
-15
5
25
45
65
85
105
125
0
25
50
75
100
125
150
D004
Temperature (°C)
-55
-35
-15
5
25
45
65
85
105
125
0
0.5
1
1.5
2
2.5
3
D001
VCC (V)
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
0
0.5
1
1.5
2
2.5
3
D002
10
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
SLLSES9A – FEBRUARY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TCAN1042-Q1 TCAN1042V-Q1 TCAN1042H-Q1 TCAN1042HV-Q1 TCAN1042G-Q1
TCAN1042GV-Q1 TCAN1042HG-Q1 TCAN1042HGV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Characteristics
VCC = 5 V
VIO = 3.3 V
RL = 60 Ω
CL = Open
RCM = Open
= 0 V
Figure 1. VOD(D) over Temperature
VIO = 5 V
= 0 V
RL = 60 Ω
CL = Open
RCM = Open
Temp = 25°C
Figure 2. VOD(D) over VCC
VCC = 5 V
VIO = 3.3 V
RL = 60 Ω
CL = Open
RCM = Open
= 0 V
Figure 3. ICC Recessive over Temperature
VCC = 5 V
VIO = 3.3 V
RL = 60 Ω
CL = 100 pF
CL_RXD = 15 pF
= 0 V
Figure 4. Total Loop Delay over Temperature


Numéro de pièce similaire - TCAN1042HV-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1042HV-Q1 TI1-TCAN1042HV-Q1 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042HV-Q1 TI1-TCAN1042HV-Q1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Description similaire - TCAN1042HV-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com