Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9555 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TCA9555
Description  Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9555 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TCA9555_16 Datasheet HTML 5Page - Texas Instruments TCA9555_16 Datasheet HTML 6Page - Texas Instruments TCA9555_16 Datasheet HTML 7Page - Texas Instruments TCA9555_16 Datasheet HTML 8Page - Texas Instruments TCA9555_16 Datasheet HTML 9Page - Texas Instruments TCA9555_16 Datasheet HTML 10Page - Texas Instruments TCA9555_16 Datasheet HTML 11Page - Texas Instruments TCA9555_16 Datasheet HTML 12Page - Texas Instruments TCA9555_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
25
30
35
D005
VCC = 1.8 V
-40 °C
25 °C
85 °C
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
10
20
30
40
50
60
D006
VCC = 2.5 V
-40 °C
25 °C
85 °C
VCC - Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
D003
-40 °C
25 °C
85 °C
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
25
30
D004
VCC = 1.65 V
-40 °C
25 °C
85 °C
TA - Temperature (°C)
-40
-15
10
35
60
85
0
4
8
12
16
20
24
28
32
36
40
D001
Vcc = 1.65 V
Vcc = 1.8 V
Vcc = 2.5 V
Vcc = 3.3 V
Vcc = 3.6 V
Vcc = 5 V
Vcc = 5.5V
TA - Temperature (°C)
-40
-15
10
35
60
85
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
D002
Vcc = 1.65 V
Vcc = 1.8 V
Vcc = 2.5 V
Vcc = 3.3 V
Vcc = 3.6 V
Vcc = 5 V
Vcc = 5.5V
9
TCA9555
www.ti.com
SCPS200D – JULY 2009 – REVISED JULY 2016
Product Folder Links: TCA9555
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7.8 Typical Characteristics
TA = 25°C (unless otherwise noted)
Figure 1. Supply Current vs Temperature for Different
Supply Voltage (VCC)
Figure 2. Standby Supply Current vs Temperature for
Different Supply Voltage (VCC)
Figure 3. Supply Current vs Supply Voltage for Different
Temperature (TA)
Figure 4. I/O Sink Current vs Output Low Voltage for
Different Temperature (TA) for VCC = 1.65 V
Figure 5. I/O Sink Current vs Output Low Voltage for
Different Temperature (TA) for VCC = 1.8 V
Figure 6. I/O Sink Current vs Output Low Voltage for
Different Temperature (TA) for VCC = 2.5 V


Numéro de pièce similaire - TCA9555_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9555PWR TI-TCA9555PWR Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555RTWR TI-TCA9555RTWR Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Description similaire - TCA9555_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI-TCA9535 Datasheet
780Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com