Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9539-Q1 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA9539-Q1
Description  Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9539-Q1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TCA9539-Q1 Datasheet HTML 2Page - Texas Instruments TCA9539-Q1 Datasheet HTML 3Page - Texas Instruments TCA9539-Q1 Datasheet HTML 4Page - Texas Instruments TCA9539-Q1 Datasheet HTML 5Page - Texas Instruments TCA9539-Q1 Datasheet HTML 6Page - Texas Instruments TCA9539-Q1 Datasheet HTML 7Page - Texas Instruments TCA9539-Q1 Datasheet HTML 8Page - Texas Instruments TCA9539-Q1 Datasheet HTML 9Page - Texas Instruments TCA9539-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
TCA9539
SCPS202C – OCTOBER 2009 – REVISED MAY 2016
www.ti.com
Product Folder Links: TCA9539
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC (1)
TCA9539
UNIT
PW (TSSOP)
RTW (WQFN)
RGE (VQFN)
24 PINS
24 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
108.8
43.6
48.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.
46.2
58.1
°C/W
RθJB
Junction-to-board thermal resistance
62.8
22.1
27.1
°C/W
ψJT
Junction-to-top characterization parameter
11.1
1.5
3.3
°C/W
ψJB
Junction-to-board characterization parameter
62.3
22.2
27.2
°C/W
RθJC(bottom) Junction-to-case (bottom) thermal resistance
10.7
15.3
°C/W
(1)
All typical values are at nominal supply voltage (1.8-, 2.5-, 3.3-, or 5-V VCC) and TA = 25°C.
(2)
Each I/O must be externally limited to a maximum of 25 mA, and each octal (P07–P00 and P17–P10) must be limited to a maximum
current of 100 mA, for a device total of 200 mA.
(3)
The total current sourced by all I/Os must be limited to 160 mA (80 mA for P07–P00 and 80 mA for P17–P10).
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP (1)
MAX UNIT
VIK
Input diode clamp voltage
II = –18 mA
1.65 V to 5.5 V
–1.2
V
VPOR
R
Power-on reset voltage, VCC
rising
VI = VCC or GND, IO = 0
1.65 V to 5.5 V
1.2
1.5
V
VPOR
F
Power-on reset voltage, VCC
falling
1.65 V to 5.5 V
0.75
1
VOH
P-port high-level output
voltage (2)
IOH = –8 mA
1.65 V
1.2
V
2.3 V
1.8
3 V
2.6
4.75 V
4.1
IOH = –10 mA
1.65 V
1
2.3 V
1.7
3 V
2.5
4.75 V
4
IOL
SDA
VOL = 0.4 V
1.65 V to 5.5 V
3
mA
P port (3)
VOL = 0.5 V
1.65 V to 5.5 V
8
VOL = 0.7 V
1.65 V to 5.5 V
10
INT
VOL = 0.4 V
3
II
SCL, SDA
VI = VCC or GND
1.65 V to 5.5 V
±1
μA
A0, A1, RESET
±1
IIH
P port
VI = VCC
1.65 V to 5.5 V
1
μA
IIL
P port
VI = GND
1.65 V to 5.5 V
–1
μA


Numéro de pièce similaire - TCA9539-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9539-Q1 TI1-TCA9539-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
More results

Description similaire - TCA9539-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9539-Q1 TI1-TCA9539-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com