Moteur de recherche de fiches techniques de composants électroniques |
|
SS1010 Fiches technique(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
SS1010 Fiches technique(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
3 / 3 page mAmps 1 100 4 0 100 200 300 8 Figure 5 Peak Forward Surge Current Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles Amps Cycles 2 6 10 20 60 80 40 400 500 600 SS102-SS1045 SS105-SS1010 Figure 4 Typical Reverse Characteristics Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Volts .4 .6 2 1 mAmps 20 120 40 60 80 100 .001 .002 .004 .006 .01 .02 .04 .06 .1 .2 4 6 10 140 75 °C 2 5 °C 100 °C SS102 THRU SS1010 www.yfwdiode.com |
Numéro de pièce similaire - SS1010 |
|
Description similaire - SS1010 |