Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMH6521 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LMH6521
Description  High Performance Dual DVGA
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6521 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LMH6521_16 Datasheet HTML 6Page - Texas Instruments LMH6521_16 Datasheet HTML 7Page - Texas Instruments LMH6521_16 Datasheet HTML 8Page - Texas Instruments LMH6521_16 Datasheet HTML 9Page - Texas Instruments LMH6521_16 Datasheet HTML 10Page - Texas Instruments LMH6521_16 Datasheet HTML 11Page - Texas Instruments LMH6521_16 Datasheet HTML 12Page - Texas Instruments LMH6521_16 Datasheet HTML 13Page - Texas Instruments LMH6521_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
0
100
200
300
400
500
-100
-50
0
50
100
150
200
250
FREQUENCY (MHz)
R
jX
|Z|
0
100
200
300
400
500
-40
-20
0
20
40
60
80
FREQUENCY (MHz)
R
jX
|Z|
-40
-20
0
20
40
60
80
100
200
210
220
230
240
250
TEMPERATURE (degrees)
Both Channels Enabled
Vs = 4.5V
Vs = 5.0V
Vs = 5.5V
0
100
200
300
400
500
600
-100
-90
-80
-70
-60
-50
-40
-30
FREQUENCY (MHz)
Ch A to Ch B
Ch B to Ch A
LMH6521
SNOSB47D – MAY 2011 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
V+ = 5V, Differential VOUT = 4V
PP, R
L = 200Ω, TA=25 °C, fin = 200 MHz, and Maximum Gain (0 Attenuation)
Supply Current
vs.
Temperature
Channel To Channel Isolation
Figure 22.
Figure 23.
Input Impedance
Output Impedance
Figure 24.
Figure 25.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMH6521


Numéro de pièce similaire - LMH6521_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMH6521 TI1-LMH6521_14 Datasheet
1Mb / 28P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
More results

Description similaire - LMH6521_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMH6521 TI1-LMH6521_14 Datasheet
1Mb / 28P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6523 TI-LMH6523 Datasheet
1Mb / 31P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
[Old version datasheet]   High Performance Quad DVGA
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI1-LMH6522 Datasheet
682Kb / 30P
[Old version datasheet]   High Performance Quad DVGA
logo
TriQuint Semiconductor
TQC9311 TRIQUINT-TQC9311_15 Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
logo
National Semiconductor ...
LMH6517 NSC-LMH6517 Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Renesas Technology Corp
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com