Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMH6521 Fiches technique(PDF) 20 Page - Texas Instruments

No de pièce LMH6521
Description  High Performance Dual DVGA
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6521 Fiches technique(HTML) 20 Page - Texas Instruments

Back Button LMH6521_16 Datasheet HTML 16Page - Texas Instruments LMH6521_16 Datasheet HTML 17Page - Texas Instruments LMH6521_16 Datasheet HTML 18Page - Texas Instruments LMH6521_16 Datasheet HTML 19Page - Texas Instruments LMH6521_16 Datasheet HTML 20Page - Texas Instruments LMH6521_16 Datasheet HTML 21Page - Texas Instruments LMH6521_16 Datasheet HTML 22Page - Texas Instruments LMH6521_16 Datasheet HTML 23Page - Texas Instruments LMH6521_16 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
tRW
UP
DN
RESET TIMING
LMH6521
SNOSB47D – MAY 2011 – REVISED MARCH 2013
www.ti.com
Figure 39. Pulse Mode Timing
THERMAL MANAGEMENT
The LMH6521 is packaged in a thermally enhanced WQFN package and features an exposed pad that is
connected to the GND pins. It is recommended that the exposed pad be attached directly to a large power supply
ground plane for maximum heat dissipation. The thermal advantage of the WQFN package is fully realized only
when the exposed die attach pad is soldered down to a thermal land on the PCB board with the through vias
planted underneath the thermal land. The thermal land can be connected to any ground plane within the PCB.
However, it is also very important to maintain good high speed layout practices when designing a system board.
The LMH6521EVAL evaluation board implemented an eight metal layer pcb with (a) 4 oz. copper inner ground
planes (b) additonal through vias and (c) maximum bottom layer metal coverage to assist with device heat
dissipation. These pcb design techniques assisted with the heat dissipation of the LMH6521 to optimize distortion
performance. Please refer to the LMH6521EVAL evaluation board application note AN–2045 SNOA551 for
suggested layout techniques.
Package information is available on the Texas Instruments web site.
http://www.ti.com/packaging
INTERFACE TO ADC
The LMH6521 was designed to be used with TI's high speed ADC's. As shown in Figure 26, AC coupling
provides the best flexibility especially for IF sub-sampling applications.
The inputs of the LMH6521 will self bias to the optimum voltage for normal operation. The internal bias voltage
for the inputs is approximately mid rail which is 2.5V with the typical 5V power supply condition. In most
applications the LMH6521 input will need to be AC coupled.
The LMH6521 output common mode voltage is biased to 0V and has a maximum differential output voltage
swing of 10VPPD as shown in Figure 40. This means that for driving most ADCs AC coupling is required. Since
most often a band pass filter is desired between the amplifier and ADC the bandpass filter can be configured to
block the DC voltage of the amplifier output from the ADC input. Figure 41 shows a wideband bandpass filter
configuration that could be designed for a 200
Ω impedance system for various IF frequencies.
20
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMH6521


Numéro de pièce similaire - LMH6521_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMH6521 TI1-LMH6521_14 Datasheet
1Mb / 28P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
More results

Description similaire - LMH6521_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMH6521 TI1-LMH6521_14 Datasheet
1Mb / 28P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6523 TI-LMH6523 Datasheet
1Mb / 31P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
[Old version datasheet]   High Performance Quad DVGA
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI1-LMH6522 Datasheet
682Kb / 30P
[Old version datasheet]   High Performance Quad DVGA
logo
TriQuint Semiconductor
TQC9311 TRIQUINT-TQC9311_15 Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
logo
National Semiconductor ...
LMH6517 NSC-LMH6517 Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Renesas Technology Corp
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com