Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5028RF Fiches technique(PDF) 6 Page - SamHop Microelectronics Corp.

No de pièce SM5028RF
Description  RF ENCODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5028RF Fiches technique(HTML) 6 Page - SamHop Microelectronics Corp.

  SM5028RF Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
VDD - Vss
VI - Vss
VO - Vss
Pa
Topr
Tstg
Supply Voltage
Input Voltage
Output Voltage
Maximum power disspation
Operating Temperature
Storage Temperature
VDD - Vss = 12V
-0.3~13
Vss-0.3~VDD+0.3
Vss-0.3~VDD+0.3
500
-20~70
-40~125
Unit
V
V
V
mW
oC
oC
DC ELECTRICAL CHARACTERISTICS
Parameter
Operating Voltage
Symbol
IDD
ISTB
IDOUT
Test Condition
Conditions
No load
FOSC = 24KHZ
Limits
Min.
Typ.
Max.
5
12
Unit
V
A
µ
Page 6
Parameter
Conditions
Ratings
Operating Current
Standby Current
V1.0
(Ta=25 C)
o
Output Drive Current
VDD
2.4
-
-
-1
1
1
1
-
-
0.1
-
- 1.6
1.6
Oscillator stops
VDH = 0.9VDD ( SOURCE)
VOL = 0.1VDD (Sink)
A
µ
mA
"H" Input Voltage
"L" Input Voltage
Oscillator Frequency
TE Pull-High Resistance
VIH
VIL
FOSC
R TE
V TE = 0V
ROSC = 1M
20
300
10
150
-
-
0.8VDD
VDD
V
0
0.2VDD
V
24
400
K
kHz
Ω
Ω
VDD
3V
12V
3V
12V
5V
5V
5V
SM5028RF
212 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Numéro de pièce similaire - SM5028RF

FabricantNo de pièceFiches techniqueDescription
logo
Datatronic Distribution...
SM502-1 DATATRONICS-SM502-1 Datasheet
64Kb / 1P
   This part is OBSOLETE, the SM501-1 is a possible replacement
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021A ANALOGICTECH-SM5021A Datasheet
38Kb / 8P
   ENCODER
More results

Description similaire - SM5028RF

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SM5262B SAMHOP-SM5262B Datasheet
60Kb / 12P
   3 RF ENCODER
SM5172 SAMHOP-SM5172 Datasheet
52Kb / 12P
   3 RF ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83110A EMC-EM83110A Datasheet
167Kb / 16P
   RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
   RF KEYBOARD ENCODER
EKK6511 EMC-EKK6511 Datasheet
161Kb / 14P
   RF Keyboard Encoder
logo
Holtek Semiconductor In...
HT6P235A HOLTEK-HT6P235A Datasheet
1Mb / 10P
   Learning RF Encoder without Crystal
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
Holtek Semiconductor In...
HT6P427A HOLTEK-HT6P427A Datasheet
1Mb / 9P
   Learning RF Encoder with Crystal SOC
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com