Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5028 Fiches technique(PDF) 4 Page - SamHop Microelectronics Corp.

No de pièce SM5028
Description  RF ENCODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5028 Fiches technique(HTML) 4 Page - SamHop Microelectronics Corp.

  SM5028 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Address/Data waveform
OSC
BIT "1"
BIT "0"
TE
Encoder
Dout
Page 4
FUNCTION DESCRIPTION
V1.0
Address
/Data Bit
< 1 word
4 words
Transmitted
Continuously
4 words
SM5028RF begin a 4-word transmission cycle upon receipt of a transmission enable
(TE active low). This cycle will repeat itself as long as the transmission enable (TE is
held low). Once the transmission enable returns high the encoder output completes
its final cycle and then stops as shown below.
pilot period (12 bits)
1/3 bit sync. period
data code
period
address code period
Composition of information
An information word consists of 4 periods as illustrated below.
SM5028RF
212 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Numéro de pièce similaire - SM5028

FabricantNo de pièceFiches techniqueDescription
logo
Datatronic Distribution...
SM502-1 DATATRONICS-SM502-1 Datasheet
64Kb / 1P
   This part is OBSOLETE, the SM501-1 is a possible replacement
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021A ANALOGICTECH-SM5021A Datasheet
38Kb / 8P
   ENCODER
More results

Description similaire - SM5028

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SM5262B SAMHOP-SM5262B Datasheet
60Kb / 12P
   3 RF ENCODER
SM5172 SAMHOP-SM5172 Datasheet
52Kb / 12P
   3 RF ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83110A EMC-EM83110A Datasheet
167Kb / 16P
   RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
   RF KEYBOARD ENCODER
EKK6511 EMC-EKK6511 Datasheet
161Kb / 14P
   RF Keyboard Encoder
logo
Holtek Semiconductor In...
HT6P235A HOLTEK-HT6P235A Datasheet
1Mb / 10P
   Learning RF Encoder without Crystal
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
Holtek Semiconductor In...
HT6P427A HOLTEK-HT6P427A Datasheet
1Mb / 9P
   Learning RF Encoder with Crystal SOC
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com