Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD104NP-151KC Datasheet(Fiches technique) 1 Page - Sumida Corporation

Numéro de pièce CD104NP-151KC
Description  POWER INDUCTORS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD104NP-151KC Datasheet(HTML) 1 Page - Sumida Corporation

  CD104NP-151KC Datasheet HTML 1Page - Sumida Corporation CD104NP-151KC Datenblatt HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CD104
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
POWER INDUCTORS <SMD Type: CD Series>
Product Description
・10.3×9.3mm Max.(L×W),4.5mm Max. Height.
・Inductance range: 10~560μH.
・Rated current range: 0.32~2.38A.
・In addition to the standard versions of inductors shown here,
custom inductors are available to meet your exact requirements.
Feature
・Magnetically unshielded construction.
・Storage temperature range: -40℃~+100℃.
・Operating temperature range: -40℃~+100℃ (Including coil’s self temperature rise).
・Ideally used in PDA,MP3,DSC/DVC,HDD,Portable DVD,etc as DC-DC converter inductors.
・RoHS Compliance and Halogen Free.
Dimensions (mm)
Land Pattern (mm)
9.0±0.3
4.0±0.5
9.0
φ
10
.0
φ
10
.0
±
0.
3
2.
1
9 . 5
R 1 . 0
PART OF ELECTRODE
PART OF SILK


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn