Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDEP134NP-1R8MC-H Fiches technique(PDF) 2 Page - Sumida Corporation

No de pièce CDEP134NP-1R8MC-H
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP134NP-1R8MC-H Fiches technique(HTML) 2 Page - Sumida Corporation

  CDEP134NP-1R8MC-H Datasheet HTML 1Page - Sumida Corporation CDEP134NP-1R8MC-H Datasheet HTML 2Page - Sumida Corporation CDEP134NP-1R8MC-H Datasheet HTML 3Page - Sumida Corporation CDEP134NP-1R8MC-H Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP134
Electrical Characteristics - 1
6.5
6.1
7.2
18.4(15.3)
8.0
μH±20%
8R0M
CDEP134NP-8R0MC
7.0
6.8
8.0
16.3(13.6)
6.4
μH±20%
6R4M
CDEP134NP-6R4MC
7.5
8.0
9.3
12.0(10.0)
4.8
μH±20%
4R8M
CDEP134NP-4R8MC
8.0
9.1
10.9
10.8(9.0)
3.6
μH±20%
3R6M
CDEP134NP-3R6MC
10.5
11.0
12.8
6.6(5.5)
2.5
μH±20%
2R5M
CDEP134NP-2R5MC
15.0
13.8
16.0
3.7(3.1)
1.6
μH±20%
1R6M
CDEP134NP-1R6MC
17.0
18.4
21.6
2.5(2.1)
0.9
μH±20%
0R9M
CDEP134NP-0R9MC
18.5
27.0
32.0
1.9(1.6)
0.4
μH±30%
0R4N
CDEP134NP-0R4NC
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3 △T=40℃
SATURATION
CURRENT ( A )
※2
D.C.R. (m
Ω)
[MAX.] (Typ.)
(at 20
℃)
INDUCTANCE
[WITHIN]※1
STAMP
PART NO.
Electrical Characteristics - 2
6.5
8.0
9.6
18.4(15.3)
6.0
μH±20%
6R0MH
CDEP134NP-6R0MC-H
7.0
9.0
11.0
16.3(13.6)
4.8
μH±20%
4R8MH
CDEP134NP-4R8MC-H
7.5
10.2
12.5
12.0(10.0)
3.6
μH±20%
3R6MH
CDEP134NP-3R6MC-H
8.0
12.0
14.7
10.8(9.0)
2.7
μH±20%
2R7MH
CDEP134NP-2R7MC-H
10.5
14.4
17.6
6.6(5.5)
1.8
μH±20%
1R8MH
CDEP134NP-1R8MC-H
15.0
17.6
21.0
3.7(3.1)
1.2
μH±20%
1R2MH
CDEP134NP-1R2MC-H
17.0
24.0
29.0
2.5(2.1)
0.66
μH±30%
0R6NH
CDEP134NP-0R6NC-H
18.5
32.0
35.0
1.9(1.6)
0.3
μH±30%
0R3NH
CDEP134NP-0R3NC-H
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3 △T=40℃
SATURATION
CURRENT ( A )
※2
D.C.R. (m
Ω)
[MAX.] (Typ.)
(at 20
℃)
INDUCTANCE
[WITHIN]※1
STAMP
PART NO.
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% (while the
inductance tolerance is
±30%) or 75% (while the inductance tolerance is±20%) of it’s nominal.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
Electrical Characteristics


Numéro de pièce similaire - CDEP134NP-1R8MC-H

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDEP134NP-1R8M SUMIDA-CDEP134NP-1R8M Datasheet
181Kb / 3P
   POWER INDUCTORS
More results

Description similaire - CDEP134NP-1R8MC-H

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com