Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3488 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3488
Description  High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3488 Fiches technique(HTML) 3 Page - Texas Instruments

  LM3488 Datasheet HTML 1Page - Texas Instruments LM3488 Datasheet HTML 2Page - Texas Instruments LM3488 Datasheet HTML 3Page - Texas Instruments LM3488 Datasheet HTML 4Page - Texas Instruments LM3488 Datasheet HTML 5Page - Texas Instruments LM3488 Datasheet HTML 6Page - Texas Instruments LM3488 Datasheet HTML 7Page - Texas Instruments LM3488 Datasheet HTML 8Page - Texas Instruments LM3488 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LM3488, LM3488-Q1
www.ti.com
SNVS089N – JULY 2000 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
8-Pin DGK
VSSOP Package
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
ISEN
1
I
Current sense input pin. Voltage generated across an external sense resistor is fed into this pin.
COMP
2
A
Compensation pin. A resistor, capacitor combination connected to this pin provides compensation for the
control loop.
FB
3
I
Feedback pin. The output voltage should be adjusted using a resistor divider to provide 1.26 V at this pin.
AGND
4
P
Analog ground pin.
PGND
5
P
Power ground pin.
DR
6
O
Drive pin of the IC. The gate of the external MOSFET should be connected to this pin.
FA/SYNC/S
7
A
Frequency adjust, synchronization, and Shutdown pin. A resistor connected to this pin sets the oscillator
D
frequency. An external clock signal at this pin will synchronize the controller to the frequency of the clock.
A high level on this pin for
≥ 30 µs will turn the device off. The device will then draw less than 10µA from
the supply.
VIN
8
P
Power supply input pin.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Input voltage
45
V
FB pin voltage
–0.4 < VFB
VFB < 7
V
FA/SYNC/SD pin voltage
–0.4 < VFA/SYNC/SD
VFA/SYNC/SD < 7
V
Peak driver output current (< 10 µs)
1
A
Power dissipation
Internally Limited
Junction temperature
150
°C
Lead temperature
Vapor Phase (60 s)
215
°C
Infared (15 s)
260
°C
DR pin voltage
−0.4 ≤ VDR
VDR
≤ 8
V
ILIM pin voltage
600
mV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Recommended Operating Conditions are
conditions under which operation of the device is intended to be functional. For specifications and test conditions, see the Electrical
Characteristics.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3488 LM3488-Q1


Numéro de pièce similaire - LM3488

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 NSC-LM3488 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 NSC-LM3488 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488 TI-LM3488 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI-LM3488 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results

Description similaire - LM3488

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488_09 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488 TI-LM3488_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com