Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM741QML Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM741QML
Description  LM741QML Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM741QML Fiches technique(HTML) 5 Page - Texas Instruments

  LM741QML Datasheet HTML 1Page - Texas Instruments LM741QML Datasheet HTML 2Page - Texas Instruments LM741QML Datasheet HTML 3Page - Texas Instruments LM741QML Datasheet HTML 4Page - Texas Instruments LM741QML Datasheet HTML 5Page - Texas Instruments LM741QML Datasheet HTML 6Page - Texas Instruments LM741QML Datasheet HTML 7Page - Texas Instruments LM741QML Datasheet HTML 8Page - Texas Instruments LM741QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LM741QML
www.ti.com
SNOSAN4A – AUGUST 2005 – REVISED MARCH 2013
Electrical Characteristics DC Parameters (continued)
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
VCC = ±15V, VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
group
ICC
Power Supply Current
2.8
mA
1
2.5
mA
2
3.5
mA
3
+AVS
Open Loop Voltage Gain
RL = 2KΩ, VO = 0 to 10V
See(1)
50
V/mV
1
See(1)
25
V/mV
2, 3
−AVS
Open Loop Voltage Gain
RL = 2KΩ, VO = 0 to −10V
See(1)
50
V/mV
1
See(1)
25
V/mV
2, 3
+PSRR
Power Supply Rejection Ratio
+VCC = 15V to 5V, -VCC = -15V
77
dB
1, 2, 3
-PSRR
Power Supply Rejection Ratio
-VCC = -15V to -5V,
77
dB
1, 2, 3
+VCC = +15V
CMRR
Common Mode Rejection Ratio
-12V
≤ VCM ≤ 12V
70
dB
1, 2, 3
+IOS
Output Short Circuit Current
-45
-5.0
mA
1,2
-50
-5.0
mA
3
-IOS
Output Short Circuit Current
5.0
45
mA
1,2
5.0
50
mA
3
+VOpp
Output Voltage Swing
RL = 10KΩ
12
V
1, 2, 3
RL = 2KΩ
10
V
1, 2, 3
VCC = ± 20V, RL = 10KΩ
16
V
1, 2, 3
VCC = ± 20V, RL = 2KΩ
15
V
1, 2, 3
-VOpp
Output Voltage Swing
RL = 10KΩ
-12
V
1, 2, 3
RL = 2KΩ
-10
V
1, 2, 3
VCC = ± 20V, RL = 10KΩ
-16
V
1, 2, 3
VCC = ± 20V, RL = 2KΩ
-15
V
1, 2, 3
RI
Input Resistance
See(2)
0.3
M
1
VI
Input Voltage Range
VCC = ± 15V
See(3)
±12
V
1, 2, 3
VO
Output Voltage Swing
VCC = ± 5V
See(2)
±2.0
V
1, 2, 3
(1)
Datalog reading in K = V/mV
(2)
Specified parameter, not tested.
(3)
Ensured by CMRR, IIB, IIO, VIO
Electrical Characteristics AC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
AC:
VCC = ±15V, VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
group
+SR
Slew Rate
VI = -5V to 5V, AV = 1, RL = 2KΩ
0.2
V/µS
7
-SR
Slew Rate
VI = 5V to -5V, AV =1, RL = 2KΩ
0.2
V/µS
7
tR
Rise Time
RL = 2KΩ, AV = 1, CL = 100pF
1.0
µS
7
OS
Overshoot
RL = 2KΩ, AV = 1, CL = 100pF
30
%
7
GBW
Gain Bandwidth
VI = 50mVRMS, ƒ = 20KHz, RL =
250
KHz
-
2K
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM741QML


Numéro de pièce similaire - LM741QML

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM741QML TI1-LM741QML Datasheet
651Kb / 11P
[Old version datasheet]   LM741QML Operational Amplifier
More results

Description similaire - LM741QML

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM741QML TI1-LM741QML Datasheet
651Kb / 11P
[Old version datasheet]   LM741QML Operational Amplifier
LM741H TI1-LM741H Datasheet
300Kb / 11P
[Old version datasheet]   LM741QML Operational Amplifier
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com