Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT162240DGGRE4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce 74LVT162240DGGRE4
Description  3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74LVT162240DGGRE4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button 74LVT162240DGGRE4 Datasheet HTML 2Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 3Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 4Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 5Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 6Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 7Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 8Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 9Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.ti.com
Switching Characteristics
SN54LVT162240
,, SN74LVT162240
3.3-V ABT 16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS719A – JULY 2000 – REVISED NOVEMBER 2006
over recommended operating free-air temperature range, C
L = 50 pF (unless otherwise noted) (see Figure 1)
SN54LVT162240
SN74LVT162240
FROM
TO
VCC = 3.3 V
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
TYP(1)
MAX
MIN
MAX
tPLH
1
4.2
5
1
2.5
4
4.6
A
Y
ns
tPHL
1
4.2
5
1
2.9
4
4.6
tPZH
1
5
5.5
1
2.8
4.8
5.7
OE
Y
ns
tPZL
1
4.9
5.1
1
2.8
4.7
4.9
tPHZ
1.9
4.9
5.4
2
3.5
4.7
5.2
OE
Y
ns
tPLZ
1.9
4.7
4.8
2
3.4
4.5
4.5
tsk(LH)
0.5
ns
tsk(HL)
0.5
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6
Submit Documentation Feedback


Numéro de pièce similaire - 74LVT162240DGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVT162240DGGRE4 TI-74LVT162240DGGRE4 Datasheet
210Kb / 1P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - 74LVT162240DGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LVT16244B TI-SN54LVT16244B_08 Datasheet
637Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162240 TI-SN54LVTH162240_06 Datasheet
137Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTH16240 TI-SN74LVTH16240_07 Datasheet
224Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT16244B TI-SN54LVT16244B Datasheet
120Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244A TI-SN54LVTH16244A Datasheet
110Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI1-SN54LVTH162241_08 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162541 TI-SN54LVTH162541 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16241 TI-SN54LVTH16241 Datasheet
125Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A Datasheet
468Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A_08 Datasheet
624Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI-SN54LVTH162241 Datasheet
114Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com