Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM723MD8 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM723MD8
Description  Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM723MD8 Fiches technique(HTML) 5 Page - Texas Instruments

  LM723MD8 Datasheet HTML 1Page - Texas Instruments LM723MD8 Datasheet HTML 2Page - Texas Instruments LM723MD8 Datasheet HTML 3Page - Texas Instruments LM723MD8 Datasheet HTML 4Page - Texas Instruments LM723MD8 Datasheet HTML 5Page - Texas Instruments LM723MD8 Datasheet HTML 6Page - Texas Instruments LM723MD8 Datasheet HTML 7Page - Texas Instruments LM723MD8 Datasheet HTML 8Page - Texas Instruments LM723MD8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM723QML
www.ti.com
SNVS310A – FEBRUARY 2005 – REVISED APRIL 2013
Electrical Characteristics
DC Parameters
(1)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
Vrline
Line Regulation
12V
≤ VIN ≤ 15V, VOUT = 5V,
−0.1
0.1
%VOUT
1
IL = 1mA
−0.2
0.2
%VOUT
2
−0.3
0.3
%VOUT
3
12V
≤ VIN ≤ 40V, VOUT = 2V,
−0.2
0.2
%VOUT
1
IL = 1mA
9.5V
≤ VIN ≤ 40V, VOUT = 5V,
−0.3
0.3
%VOUT
1
IL = 1mA
Vrload
Load Regulation
1mA
≤ IL ≤ 50mA, VIN = 12V,
−0.1
0.15
%VOUT
1
VOUT = 5V
5
−0.4
0.4
%VOUT
2
−0.6
0.6
%VOUT
3
1mA
≤ IL ≤ 10mA, VIN = 40V,
−0.5
0.5
%VOUT
1
VOUT = 37V
6mA
≤ IL ≤ 12mA, VIN = 10V,
−0.2
0.2
%VOUT
1
VOUT = 7.5V
VREF
Voltage Reference
IREF = 1mA, VIN = 12V
6.95
7.35
V
1
6.9
7.4
V
2, 3
ISCD
Standby Current
VIN = 30V, IL = IREF = 0,
0.5
3
mA
1
VOUT = VREF
0.5
2.4
mA
2
0.5
3.5
mA
3
IOS
Short Circuit Current
VOUT = 5V, VIN =12V, RSC = 10Ω, RL
45
85
mA
1
= 0
VZ
Zener Voltage
VIN = 40V, VOUT = 7.15V, IZ = 1mA
See(2) (3)
5.58
6.82
V
1
VOUT
Output Voltage
VIN = 12V, VOUT = 5V, IL = 1mA
4.5
5.5
V
1, 2, 3
(1)
Unless otherwise specified, TA = 25°C, VIN = V
+ = V
C = 12V, V
= 0, V
OUT = 5V, IL = 1 mA, RSC = 0, C1 = 100 pF, CREF = 0 and divider
impedance as seen by error amplifier
≤ 10 kΩ connected as shown in Figure 15 Line and load regulation specifications are given for the
condition of constant chip temperature. Temperature drifts must be taken into account separately for high dissipation conditions.
(2)
For metal can applications where VZ is required, an external 6.2V zener diode should be connected in series with VOUT.
(3)
Tested for DIPS only.
Electrical Characteristics
AC Parameters
(1)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
Delta VOUT
Ripple Rejection
f = 120HZ, CREF = 0, VINS = 2VRMS
55
dB
4
Delta VIN
f = 120HZ, CREF = 5μF,
67
dB
4
VINS = 2VRMS
(1)
Unless otherwise specified, TA = 25°C, VIN = V
+ = V
C = 12V, V
= 0, V
OUT = 5V, IL = 1 mA, RSC = 0, C1 = 100 pF, CREF = 0 and divider
impedance as seen by error amplifier
≤ 10 kΩ connected as shown in Figure 15 Line and load regulation specifications are given for the
condition of constant chip temperature. Temperature drifts must be taken into account separately for high dissipation conditions.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM723QML


Numéro de pièce similaire - LM723MD8

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM723 NSC-LM723 Datasheet
470Kb / 14P
   Voltage Regulator
logo
STMicroelectronics
LM723 STMICROELECTRONICS-LM723 Datasheet
1Mb / 15P
   HIGH PRECISION VOLTAGE REGULATOR
LM723 STMICROELECTRONICS-LM723 Datasheet
1Mb / 21P
   High precision voltage regulator
logo
Texas Instruments
LM723 TI1-LM723 Datasheet
953Kb / 18P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
More results

Description similaire - LM723MD8

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com