Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM117 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LM117
Description  Wide Temperature Three-Pin Adjustable Regulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM117 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM117_16 Datasheet HTML 4Page - Texas Instruments LM117_16 Datasheet HTML 5Page - Texas Instruments LM117_16 Datasheet HTML 6Page - Texas Instruments LM117_16 Datasheet HTML 7Page - Texas Instruments LM117_16 Datasheet HTML 8Page - Texas Instruments LM117_16 Datasheet HTML 9Page - Texas Instruments LM117_16 Datasheet HTML 10Page - Texas Instruments LM117_16 Datasheet HTML 11Page - Texas Instruments LM117_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
LM117, LM317-N
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
7.8 Typical Characteristics
Output Capacitor = 0
μF, unless otherwise noted.
Figure 1. Load Regulation
Figure 2. Current Limit
Figure 4. Dropout Voltage
Figure 3. Adjustment Current
Figure 5. VOUT vs VIN, VOUT = VREF
Figure 6. VOUT vs VIN, VOUT = 5 V
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM117 LM317-N


Numéro de pièce similaire - LM117_16

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117_10 Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
logo
Texas Instruments
LM117 TI-LM117_15 Datasheet
3Mb / 41P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
More results

Description similaire - LM117_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM317-N-MIL TI1-LM317-N-MIL Datasheet
4Mb / 39P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
logo
Skyworks Solutions Inc.
AAT2503 SKYWORKS-AAT2503 Datasheet
1Mb / 22P
   Adjustable Three-Channel Regulator
AAT2504 SKYWORKS-AAT2504 Datasheet
1Mb / 21P
   Adjustable Three-Channel Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com