Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HC283N Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce SN74HC283N
Description  4 BIT BINARY FULL ADDERS WITH FAST CARRY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC283N Fiches technique(HTML) 6 Page - Texas Instruments

  SN74HC283N Datasheet HTML 1Page - Texas Instruments SN74HC283N Datasheet HTML 2Page - Texas Instruments SN74HC283N Datasheet HTML 3Page - Texas Instruments SN74HC283N Datasheet HTML 4Page - Texas Instruments SN74HC283N Datasheet HTML 5Page - Texas Instruments SN74HC283N Datasheet HTML 6Page - Texas Instruments SN74HC283N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74HC283D
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
SN74HC283DR
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
SN74HC283N
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Sep-2008
Addendum-Page 1


Numéro de pièce similaire - SN74HC283N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HC283 TI-SN74HC283 Datasheet
119Kb / 6P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
More results

Description similaire - SN74HC283N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74S283 TI-SN74S283 Datasheet
317Kb / 8P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
logo
Hitachi Semiconductor
HD74LS83A HITACHI-HD74LS83A Datasheet
82Kb / 7P
   4-Bit Binary Full Adders(with Fast Carry)
logo
Texas Instruments
SN54F283 TI-SN54F283_08 Datasheet
785Kb / 16P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54HC283 TI-SN54HC283 Datasheet
119Kb / 6P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
SN54F283 TI-SN54F283_07 Datasheet
532Kb / 13P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54F283 TI-SN54F283 Datasheet
81Kb / 5P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54283 TI1-SN54283_15 Datasheet
657Kb / 11P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54283 TI-SN54283_08 Datasheet
490Kb / 10P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
logo
National Semiconductor ...
54LS283 NSC-54LS283 Datasheet
158Kb / 8P
   4-Bit Binary Adders with Fast Carry
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283_98 Datasheet
201Kb / 8P
   4-Bit Binary Adders with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com