Moteur de recherche de fiches techniques de composants électroniques |
|
TPS62042DRC Fiches technique(PDF) 5 Page - Texas Instruments |
|
TPS62042DRC Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 21 page TPS62040 TPS62042,TPS62043 TPS62044,TPS62046 SLVS463A − JUNE 2003 − REVISED OCTOBER 2003 www.ti.com 5 FUNCTIONAL BLOCK DIAGRAM FB PGND SW VIN EN Undervoltage Lockout Bias supply Control Logic + − LoadComparator 1.25 MHz Oscillator Vref = 0.5 V Driver Shoot−thru Logic R1 R2 Soft Start + − + − Current limit Comparator SkipComparator Gm Saw Tooth Generator V I + − Vcomp S R + − Comp High Comp Low Comp Low 2 Comp High Comp Low Comp Low 2 − + Comparator Compensation Ref Ref PGND VIN GND MODE MODE SW For the Adjustable Version the FB Pin Is Directly Connected to the Gm Amplifier |
Numéro de pièce similaire - TPS62042DRC |
|
Description similaire - TPS62042DRC |