Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3806I33DBVR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3806I33DBVR
Description  DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3806I33DBVR Fiches technique(HTML) 8 Page - Texas Instruments

  TPS3806I33DBVR Datasheet HTML 1Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 2Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 3Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 4Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 5Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 6Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 7Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 8Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TPS3806J20, TPS3806I33
DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
SLVS393 – JULY 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
DBV (R-PDSO-G6)
PLASTIC SMALL-OUTLINE
0,10
M
0,20
0,95
0
°–8°
0,25
0,55
0,35
Gage Plane
0,15 NOM
4073253-5/F 10/00
2,60
3,00
0,50
0,25
1,50
1,70
4
6
3
1
2,80
3,00
1,45
0,95
0,05 MIN
Seating Plane
6X
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Leads 1, 2, 3 are wider than leads 4, 5, 6 for package orientation.


Numéro de pièce similaire - TPS3806I33DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3806I33DBVR TI1-TPS3806I33DBVR Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33DBVR TI1-TPS3806I33DBVR Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33DBVRG4 TI1-TPS3806I33DBVRG4 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33DBVRG4 TI1-TPS3806I33DBVRG4 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
More results

Description similaire - TPS3806I33DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779 Datasheet
52Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com