Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3806I33DBVR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3806I33DBVR
Description  DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3806I33DBVR Fiches technique(HTML) 7 Page - Texas Instruments

  TPS3806I33DBVR Datasheet HTML 1Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 2Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 3Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 4Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 5Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 6Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 7Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 8Page - Texas Instruments TPS3806I33DBVR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TPS3806J20, TPS3806I33
DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
SLVS393 – JULY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
0.7
0.6
0.5
0.4
0
2
4
6
8
10
12
0.8
0.9
1
14
16
18
20
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
85
°C
0
°C
25
°C
–40
°C
VDD = 6 V
V(SENSE) = Low
0.3
0.2
0.1
0
Expanded View
Figure 6
1
0.999
0.998
0.997
–40
–20
0
20
1.001
1.002
NORMALIZED INPUT THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE AT VDD
1.003
TA – Free-Air Temperature at VDD – °C
0.996
0.995
RESET = 100 k
Ω to VDD
1.004
1.005
40
60
80
Figure 7
7
6
5
4
0
0.1
0.2
0.3
0.4
0.5
0.6
8
9
MINIMUM PULSE DURATION AT VDD
vs
VDD THRESHOLD OVERDRIVE VOLTAGE
10
0.7
0.8
0.9
1
3
2
1
0
VDD – Threshold Overdrive Voltage – V
Figure 8
7
6
5
4
0
0.1
0.2
0.3 0.4
0.5
0.6
8
9
MINIMUM PULSE DURATION AT LSENSE
vs
LSENSE THRESHOLD OVERDRIVE VOLTAGE
10
0.7
0.8
0.9
1
3
2
1
0
LSENSE – Threshold Overdrive Voltage – V


Numéro de pièce similaire - TPS3806I33DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3806I33DBVR TI1-TPS3806I33DBVR Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33DBVR TI1-TPS3806I33DBVR Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33DBVRG4 TI1-TPS3806I33DBVRG4 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33DBVRG4 TI1-TPS3806I33DBVRG4 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
More results

Description similaire - TPS3806I33DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779 Datasheet
52Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com