Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDH30D14DSHPHF-4R7MC Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce CDH30D14DSHPHF-4R7MC
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH30D14DSHPHF-4R7MC Fiches technique(HTML) 1 Page - Sumida Corporation

  CDH30D14DSHPHF-4R7MC Datasheet HTML 1Page - Sumida Corporation CDH30D14DSHPHF-4R7MC Datasheet HTML 2Page - Sumida Corporation CDH30D14DSHPHF-4R7MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH30D14D/SHP
Description
• Ferrite drum core construction.
• Magnetically unshielded.
• L
×W×H: 3.2×3.15×1.5 mm Max.
• Product weight: 42mg(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 4000pcs per reel
Applications
• Ideally used in Mobile phone, PDA, MP3,
DVC/DSC,HDD etc as DC-DC converter
inductors.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
1
2
3.0
1.1
0.8
2.
2
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.56
0.72
0.91
620
±20%
10
±20%
G
CDH30D14DSHPHF-100MC
0.70
0.90
1.14
400
±20%
6.8
±20%
F
CDH30D14DSHPHF-6R8MC
0.91
1.06
1.33
255
±20%
4.7
±20%
E
CDH30D14DSHPHF-4R7MC
1.22
1.36
1.64
155
±20%
3.3
±20%
D
CDH30D14DSHPHF-3R3MC
1.40
1.64
2.00
110
±20%
2.2
±30%
C
CDH30D14DSHPHF-2R2NC
1.80
2.00
2.44
75
±25%
1.5
±30%
B
CDH30D14DSHPHF-1R5NC
2.20
2.32
2.92
50
±25%
1.0
±30%
A
CDH30D14DSHPHF-1R0NC
2.80
2.84
3.60
35
±25%
0.68
±30%
L
CDH30D14DSHPHF-R68NC
(at105
℃)
(at20
℃)
Temperature rise
current (A)
※3
Saturation current
(A)
※2
D.C.R. (m
Ω)
[Within]
(at20
℃)
Inductance (
μH)
[Within]
※1
Stamp
Part No.
3.0 ±0.15
3.
0.
1
1.4 ±0.1
2.8
1.0
2.
0


Numéro de pièce similaire - CDH30D14DSHPHF-4R7MC

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH30D14D SUMIDA-CDH30D14D Datasheet
165Kb / 4P
   SMD Power Inductor
CDH30D14DHF-100MC SUMIDA-CDH30D14DHF-100MC Datasheet
165Kb / 4P
   SMD Power Inductor
CDH30D14DHF-150MC SUMIDA-CDH30D14DHF-150MC Datasheet
165Kb / 4P
   SMD Power Inductor
CDH30D14DHF-1R0NC SUMIDA-CDH30D14DHF-1R0NC Datasheet
165Kb / 4P
   SMD Power Inductor
CDH30D14DHF-1R6NC SUMIDA-CDH30D14DHF-1R6NC Datasheet
165Kb / 4P
   SMD Power Inductor
More results

Description similaire - CDH30D14DSHPHF-4R7MC

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com