Moteur de recherche de fiches techniques de composants électroniques |
|
STQ-3016 Fiches technique(PDF) 8 Page - Stanford Microdevices |
|
STQ-3016 Fiches technique(HTML) 8 Page - Stanford Microdevices |
8 / 8 page The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved. 522 Almanor Ave., Sunnyvale, CA 94086 Phone: (800) SMI-MMIC http://www.stanfordmicro.com 8 05/07/01 rev 2.0 Advanced Data Sheet 674 'LUHFW 4XDGUDWXUH0RGXODWRU Demo Test Board (Fully Assembled PCB) 2" 1 2 H1 H2 P12 P13 P9 P8 P10 P11 C3 L1 P14 R9 R1 R7 R10 R8 C17 C19 C18 C10 C16 C4 C5 L5 L3 L2 L4 C22 C23 C20 C21 R5 R6 R3 R4 C9 SH1 1 2 2" L7 L6 |
Numéro de pièce similaire - STQ-3016 |
|
Description similaire - STQ-3016 |