Moteur de recherche de fiches techniques de composants électroniques |
|
STQ-3016 Fiches technique(PDF) 7 Page - Stanford Microdevices |
|
STQ-3016 Fiches technique(HTML) 7 Page - Stanford Microdevices |
7 / 8 page The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved. 522 Almanor Ave., Sunnyvale, CA 94086 Phone: (800) SMI-MMIC http://www.stanfordmicro.com 7 05/07/01 rev 2.0 Advanced Data Sheet 674 'LUHFW 4XDGUDWXUH0RGXODWRU Demo Test Board Schematic Bill of Materials (for evaluation at 3.5GHz) Component Designator Value Qty Vendor Part Number Description P14 1 SMDI STQ-3016 STQ-3016 SiGe Direct Quadrature Modulator P8, P9, P10, P11, P12, P13 6 Johnson Components 142-0701-851 SMA connector, end launch with tab, for .062” thick board H1, H2 2 AMP 640453-2 2-pin header, right angle L1 1uH 1 Panasonic ELJ-FA1R0KF2 Inductor, 1210 footprint, ±10% tolerance R1, R7, R9, R10 200 ohm 4 Venkel CR1206-8W-2000FT Resistor, 1206 footprint, ± 1% tolerance R8 10 kohm 1 Venkel CR0603-16W-1002FT Resistor, 0603 footprint, ±1% tolerance C9, C17 1nF 2 Venkel C0603COG500-102JNE Capacitor, 0603 footprint, COG dielectric, ±5% tolerance C3 2.2uF 1 Venkel C1206Y5V160-225ZNE Capacitor, 1206 footprint, Y5V dielectric, 16V rating C4, C5, C10, C16, C18, C19 1.0pF 6 Venkel C0603COG500-100JNE Capacitor, 0603 footprint, COG dielectric, ±5% tolerance SH1 1 3M 929950-00 Shunt for 2-pin header L2, L3, L4, L5, L6, L7 2.2nH 6 TOKO LL1608FS-F2N2S Inductor, 0603 footprint, ±0.3nH tolerance C20, C21, C22, C23 0.5pF 4 Venkel C0603COG500-0R5CNE Capacitor, 0603 footprint, COG dielectric, ±0.25pF toler- ance R3, R4, R5, R6 0 ohm 4 Venkel CR0603-16W-000T Resistor, 0603 footprint 1 2 VCC +5V H1 C3 L1 VCC VCC P9 R8 C10 C19 C16 C9 1 2 3 4 5 6 7 8 VCC VCC 16 15 14 13 12 11 10 9 C17 C18 P10 P11 R7 R1 R9 R10 P12 P13 P14 STQ-3016 C22 BBQN RFP RFN BBIN BBQP LOP LON BBIP VCC VEE VEE VCC SD VEE VEE VCC 1 2 SH1 H2 L4 C23 L5 R6 R5 P8 C4 C5 C20 L2 C21 L3 R4 R3 L7 L6 RF LO BBQ+ BBQ- BBI- BBI+ Lumped Element Balun Lumped Element Balun |
Numéro de pièce similaire - STQ-3016 |
|
Description similaire - STQ-3016 |