Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST10-48F12S Fiches technique(PDF) 1 Page - Astrodyne Corporation

No de pièce ST10-48F12S
Description  Isolated and Regulated 10 Watt Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ST10-48F12S Fiches technique(HTML) 1 Page - Astrodyne Corporation

  ST10-48F12S Datasheet HTML 1Page - Astrodyne Corporation ST10-48F12S Datasheet HTML 2Page - Astrodyne Corporation ST10-48F12S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 10 Watt Modular DC/DC Converters
ST10 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Wide 2 : 1 and 4 : 1 Input Ranges
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output Amps
Input Range
ST10-123.3S
3.3 VDC
2
9-18VDC
ST10-243.3S
2
18-36VDC
ST10-24F3.3S
2
10-40VDC
ST10-483.3S
2
36-75VDC
ST10-48F3.3S
2
18-75VDC
ST10-125S
5 VDC
2
9-18VDC
ST10-245S
2
18-36VDC
ST10-24F5S
2
10-40VDC
ST10-485S
2
36-75VDC
ST10-48F5S
2
18-75VDC
ST10-1212S
12 VDC
0.83
9-18VDC
ST10-2412S
0.83
18-36VDC
ST10-24F12S
0.83
10-40VDC
ST10-4812S
0.83
36-75VDC
ST10-48F12S
0.83
18-75VDC
ST10-1215S
15 VDC
0.67
9-18VDC
ST10-2415S
0.67
18-36VDC
ST10-24F15S
0.67
10-40VDC
ST10-4815S
0.67
36-75VDC
ST10-48F15S
0.67
18-75VDC
ST10-1224S
24 VDC
0.42
9-18VDC
ST10-2424S
0.42
18-36VDC
ST10-4824S
0.42
36-75VDC
Unit measures 1”W x 2”L x 0.425”H


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn