Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB1R5-2412S Fiches technique(PDF) 1 Page - Astrodyne Corporation

No de pièce SB1R5-2412S
Description  Isolated and Regulated 1.5 WATT Modular DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SB1R5-2412S Fiches technique(HTML) 1 Page - Astrodyne Corporation

  SB1R5-2412S Datasheet HTML 1Page - Astrodyne Corporation SB1R5-2412S Datasheet HTML 2Page - Astrodyne Corporation SB1R5-2412S Datasheet HTML 3Page - Astrodyne Corporation SB1R5-2412S Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
SB1R5 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Low Ripple and Noise
Regulated Outputs
500V Isolation
Short Circuit Protection
Standard Pinouts
Input PI Filter
Model Number
Output Voltage
Output Amps Input Range
SINGLE OUTPUT
SB1R5-55S
5 VDC
300
4.5-5.5 VDC
SB1R5-125S
300
10.8-13.2 VDC
SB1R5-245S
300
21.6-26.4 VDC
SB1R5-485S
300
43.2-52.8 VDC
SB1R5-512S
12 VDC
125
4.5-5.5 VDC
SB1R5-1212S
125
10.8-13.2 VDC
SB1R5-2412S
125
21.6-26.4 VDC
SB1R5-4812S
125
43.2-52.8 VDC
SB1R5-515S
15 VDC
100
4.5-5.5 VDC
SB1R5-1215S
100
10.8-13.2 VDC
SB1R5-2415S
100
21.6-26.4 VDC
SB1R5-4815S
100
43.2-52.8 VDC
SB1R5-524S
24VDC
63
4.5-5.5 VDC
SB1R5-1224S
63
10.8-13.2 VDC
SB1R5-2424S
63
21.6-26.4 VDC
SB1R5-4824S
63
43.2-52.8 VDC
Unit measures 0.8”W x 1.25”L x 0.4”H


Numéro de pièce similaire - SB1R5-2412S

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
SB1R5-2412S ASTRODYNE-SB1R5-2412S Datasheet
236Kb / 4P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
More results

Description similaire - SB1R5-2412S

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD105 ASTRODYNE-ASD105 Datasheet
754Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5_16 Datasheet
173Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
SB1R5 ASTRODYNE-SB1R5 Datasheet
236Kb / 4P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD105 ASTRODYNE-ASD105_16 Datasheet
177Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com