Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HC08PWRG4 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
SN74HC08PWRG4 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 29 page A B Y Copyright © 2016, Texas Instruments Incorporated Product Folder Sample & Buy Technical Documents Tools & Software Support & Community Reference Design An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. SN54HC08, SN74HC08 SCLS081G – DECEMBER 1982 – REVISED JUNE 2016 SNx4HC08 Quadruple 2-Input Positive-AND Gates 1 1 Features 1 • Wide Operating Voltage Range of 2 V to 6 V • Outputs Can Drive up to 10 LSTTL Loads • Low Power Consumption: Maximum ICC 20 µA • Typical tpd = 8 ns at 6 V • ±4-mA Output Drive at 5 V • Low Input Current of 1 µA (Maximum) 2 Applications • Servers • LED Displays • Network Switches • I/O Expanders • Base Station Processor Boards 3 Description The SNx4HC08 devices contain four independent 2 ‑input AND gates. They perform the Boolean function Y = A ● B or Y = A + B in positive logic. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) SN74HC08D SOIC (14) 8.65 mm × 3.90 mm SN74HC08DB SSOP (14) 6.30 mm × 5.30 mm SN74HC08N PDIP (14) 19.34 mm × 6.35 mm SN74HC08NS SO (14) 10.30 mm × 5.30 mm SN74HC08PW TSSOP (14) 5.00 mm × 4.40 mm SN54HC08 LCCC (20) 1.83 mm × 8.89 mm CDIP (14) 19.56 mm × 6.67 mm CFP (14) 9.21 mm × 5.97 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. Functional Diagram |
Numéro de pièce similaire - SN74HC08PWRG4 |
|
Description similaire - SN74HC08PWRG4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |