Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HC08NSRG4 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HC08NSRG4
Description  SNx4HC08 Quadruple 2-Input Positive-AND Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC08NSRG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74HC08NSRG4 Datasheet HTML 2Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 3Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 4Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 5Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 6Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 7Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 8Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 9Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
SN54HC08, SN74HC08
SCLS081G – DECEMBER 1982 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN54HC08 SN74HC08
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
6.6 Electrical Characteristics: SN74HC08
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
1.998
V
VCC = 4.5 V
4.4
4.499
VCC = 6 V
5.9
5.999
IOH = –4 mA,
VCC = 4.5 V
TA = 25°C
3.98
4.3
TA = –55°C to 125°C
3.84
IOH = –5.2 mA,
VCC = 6 V
TA = 25°C
5.48
5.8
TA = –55°C to 125°C
5.34
VOL
Low-level output voltage
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.002
0.1
V
VCC = 4.5 V
0.001
0.1
VCC = 6 V
0.001
0.1
IOL = 4 mA,
VCC = 4.5 V
TA = 25°C
0.17
0.26
TA = –55°C to 125°C
0.33
IOL = 5.2 mA,
VCC = 6 V
TA = 25°C
0.15
0.26
TA = –55°C to 125°C
0.33
II
Input current
VI = VCC or 0, VCC = 6 V
TA = 25°C
±0.1
±100
nA
TA = –55°C to 125°C
±1000
ICC
Quiescent current
VI = VCC or 0, IO = 0, VCC = 6 V
TA = 25°C
2
µA
TA = –55°C to 125°C
20
Ci
Input capacitance
VCC = 2 V to 6 V
3
10
pF
6.7 Switching Characteristics: SN54HC08
over operating free-air temperature range (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
Propagation delay
A
Y
VCC = 2 V
TA = 25°C
50
100
ns
TA = –55°C to 125°C
150
VCC = 4.5 V
TA = 25°C
10
20
TA = –55°C to 125°C
30
VCC = 6 V
TA = 25°C
8
17
TA = –55°C to 125°C
25
tt
Transition time
Y
VCC = 2 V
TA = 25°C
38
75
ns
TA = –55°C to 125°C
110
VCC = 4.5 V
TA = 25°C
8
15
TA = –55°C to 125°C
22
VCC = 6 V
TA = 25°C
6
13
TA = –55°C to 125°C
19


Numéro de pièce similaire - SN74HC08NSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HC08NSRG4 TI-SN74HC08NSRG4 Datasheet
568Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Description similaire - SN74HC08NSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com