Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HC04DT Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
SN74HC04DT Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 29 page From Output Under Test C = 50 pF (see Note A) L LOAD CIRCUIT Test Point VOLTAGE WAVEFORMS INPUT RISE AND FALL TIMES Input 90% 90% 50% 50% 10% 10% tf tr 0 V VCC VOLTAGE WAVEFORMS PROPAGATION DELAY AND OUTPUT TRANSITION TIMES tPLH tPLH tPHL tPHL Input In-Phase Output Out-of-Phase Output 90% 90% 90% 50% 10% 10% 10% 50% 50% 50% 50% tf tf tr 90% 10% 50% tr VCC VOL VOH VOH 0 V VOL SN54HC04, SN74HC04 www.ti.com SCLS078G – DECEMBER 1982 – REVISED SEPTEMBER 2015 7 Parameter Measurement Information A. C L includes probe and test-fixture capacitance. B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns. C. The outputs are measured one at a time with one input transition per measurement. D. tPLH and tPHL are the same as tpd. Figure 3. Load Circuit and Voltage Waveforms Copyright © 1982–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: SN54HC04 SN74HC04 |
Numéro de pièce similaire - SN74HC04DT |
|
Description similaire - SN74HC04DT |