Moteur de recherche de fiches techniques de composants électroniques |
|
SN74CB3T3253 Fiches technique(PDF) 3 Page - Texas Instruments |
|
SN74CB3T3253 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 20 page www.ti.com 2B1 1B1 2A 1A S0 S1 1OE 2OE 1B2 1B3 1B4 2B2 2B3 2B4 SW SW SW SW SW SW SW SW 7 9 14 2 1 15 6 5 4 3 10 11 12 13 A EN(2) B Control Circuit VG(1) (1) Gate voltage (VG) is approximately equal to VCC + VT when the switch is ON and VI > VCC + VT. (2) EN is the internal enable signal applied to the switch. SN74CB3T3253 DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER SCDS148 – OCTOBER 2003 – REVISED JUNE 2005 LOGIC DIAGRAM (POSITIVE LOGIC) SIMPLIFIED SCHEMATIC, EACH FET SWITCH (SW) 3 |
Numéro de pièce similaire - SN74CB3T3253_15 |
|
Description similaire - SN74CB3T3253_15 |