Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CBT3345DWR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74CBT3345DWR
Description  8-BIT FET BUS SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3345DWR Fiches technique(HTML) 3 Page - Texas Instruments

  SN74CBT3345DWR Datasheet HTML 1Page - Texas Instruments SN74CBT3345DWR Datasheet HTML 2Page - Texas Instruments SN74CBT3345DWR Datasheet HTML 3Page - Texas Instruments SN74CBT3345DWR Datasheet HTML 4Page - Texas Instruments SN74CBT3345DWR Datasheet HTML 5Page - Texas Instruments SN74CBT3345DWR Datasheet HTML 6Page - Texas Instruments SN74CBT3345DWR Datasheet HTML 7Page - Texas Instruments SN74CBT3345DWR Datasheet HTML 8Page - Texas Instruments SN74CBT3345DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN74CBT3345
8BIT FET BUS SWITCH
SCDS027I − MAY 1995 − REVISED JANUARY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
V
II
All inputs
VCC = 5.5 V,
VI = 5.5 V or GND
±1
µA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
50
µA
∆ICC‡
Control inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
3.5
mA
Ci
Control inputs
VI = 3 V or 0
3
pF
Cio(OFF)
VO = 3 V or 0,
OE = VCC or OE = GND
6
pF
VI = 0
II = 64 mA
5
7
ron§
VCC = 4.5 V
VI = 0
II = 30 mA
5
7
ron
VCC = 4.5 V
VI = 2.4 V,
II = 15 mA
10
15
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
§ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
UNIT
tpd¶
A or B
B or A
0.25
ns
ten
OE or OE
A or B
1
9.1
ns
tdis
OE or OE
A or B
1
8.7
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Numéro de pièce similaire - SN74CBT3345DWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBT3345DW TI-SN74CBT3345DW Datasheet
51Kb / 4P
[Old version datasheet]   8-BIT FET BUS SWITCH
More results

Description similaire - SN74CBT3345DWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBT3345 TI-SN74CBT3345 Datasheet
51Kb / 4P
[Old version datasheet]   8-BIT FET BUS SWITCH
SN74CB3T3245 TI1-SN74CB3T3245_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit FET Bus Switch
logo
Renesas Technology Corp
HD74CBT3345 RENESAS-HD74CBT3345 Datasheet
213Kb / 11P
   8-bit FET Bus Switch
logo
Texas Instruments
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT3861 TI-SN74CBT3861 Datasheet
258Kb / 10P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A_06 Datasheet
296Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT32245 TI-SN74CBT32245 Datasheet
260Kb / 8P
[Old version datasheet]   32-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com