Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS29821 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALS29821
Description  10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS29821 Fiches technique(HTML) 4 Page - Texas Instruments

  SN74ALS29821 Datasheet HTML 1Page - Texas Instruments SN74ALS29821 Datasheet HTML 2Page - Texas Instruments SN74ALS29821 Datasheet HTML 3Page - Texas Instruments SN74ALS29821 Datasheet HTML 4Page - Texas Instruments SN74ALS29821 Datasheet HTML 5Page - Texas Instruments SN74ALS29821 Datasheet HTML 6Page - Texas Instruments SN74ALS29821 Datasheet HTML 7Page - Texas Instruments SN74ALS29821 Datasheet HTML 8Page - Texas Instruments SN74ALS29821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN54ALS29821, SN74ALS29821
10BIT BUSINTERFACE FLIPFLOPS
WITH 3STATE OUTPUTS
SDAS145B − JANUARY 1986 − REVISED JANUARY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
TO
TEST CONDITIONS
VCC = MIN to MAX†,
TA = MIN to MAX†
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
SN54ALS29821
SN74ALS29821
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tPLH
CLK
Any Q
CL = 50 pF
2
11.5
2
10
ns
tPHL
CLK
Any Q
CL = 50 pF
2
11.5
2
10
ns
tPLH
CLK
Any Q
CL = 300 pF
2
21
16
ns
tPHL
CLK
Any Q
CL = 300 pF
2
21
16
ns
tPZH
OE
Any Q
CL = 50 pF
1
17
14
ns
tPZL
OE
Any Q
CL = 50 pF
1
17
14
ns
tPZH
OE
Any Q
CL = 300 pF
1
25
20
ns
tPZL
OE
Any Q
CL = 300 pF
1
29.5
23
ns
tPHZ
OE
Any Q
CL = 50 pF
1
16
14
ns
tPLZ
OE
Any Q
CL = 50 pF
1
14
12
ns
tPHZ
OE
Any Q
CL = 5 pF
1
12
9
ns
tPLZ
OE
Any Q
CL = 5 pF
1
11
9
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Numéro de pièce similaire - SN74ALS29821

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS29821 TI-SN74ALS29821 Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29821DW TI-SN74ALS29821DW Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29821NT TI-SN74ALS29821NT Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALS29821

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI-SN54AS821A Datasheet
92Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AS1821 TI1-SN74AS1821 Datasheet
55Kb / 5P
[Old version datasheet]   10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821 TI-SN54AS821 Datasheet
86Kb / 6P
[Old version datasheet]   10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI1-SN54ABT821_15 Datasheet
587Kb / 15P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29821 TI-SN54ALS29821 Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT11821 TI1-74ACT11821 Datasheet
124Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com