Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74GTLP1394DR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74GTLP1394DR
Description  2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLP1394DR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button SN74GTLP1394DR Datasheet HTML 7Page - Texas Instruments SN74GTLP1394DR Datasheet HTML 8Page - Texas Instruments SN74GTLP1394DR Datasheet HTML 9Page - Texas Instruments SN74GTLP1394DR Datasheet HTML 10Page - Texas Instruments SN74GTLP1394DR Datasheet HTML 11Page - Texas Instruments SN74GTLP1394DR Datasheet HTML 12Page - Texas Instruments SN74GTLP1394DR Datasheet HTML 13Page - Texas Instruments SN74GTLP1394DR Datasheet HTML 14Page - Texas Instruments SN74GTLP1394DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
APPLICATION INFORMATION
Operational Description
Electrical
SN74GTLP1394
2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SCES286F – OCTOBER 1999 – REVISED APRIL 2005
The GTLP1394 is designed specifically for use with the TI 1394 backplane layer controller family to transmit the
1394 backplane serial bus across parallel backplanes. But, it is a versatile 2-bit device that also is being used to
provide multiple single-bit clocks or an ATM read and write clock in multislot parallel backplane applications.
The 1394-1995 is an IEEE designation for a high-performance serial bus. This serial bus defines both a
backplane (e.g., GTLP, VME, FB+, CPCI, etc.) physical layer and a point-to-point cable-connected virtual bus.
The backplane version operates at 25, 50, or 100 Mbps, whereas the cable version supports data rates of 100,
200, and 400 Mbps. Both versions are compatible at the link layer and above. The interface standard defines the
transmission method, media in the cable version, and protocol. The primary application of the cable version is the
interconnection of digital A/V equipment and integration of I/O connectivity at the back panel of personal
computers using a low-cost, scalable, high-speed serial interface. The primary application of the backplane
version is to provide a robust control interface to each daughter card. The 1394 standard also provides new
services, such as real-time I/O and live connect/disconnect capability for external devices.
The 1394 standard is a transaction-based packet technology for cable- or backplane-based environments. Both
chassis and peripheral devices can use this technology. The 1394 serial bus is organized as if it were memory
space interconnected between devices, or as if devices resided in slots on the main backplane. Device
addressing is 64 bits wide, partitioned as ten bits for bus ID, six bits for node ID, and 48 bits for memory
addresses. The result is the capability to address up to 1023 buses, with each having up to 63 nodes, each with
281 terabytes of memory. Memory-based addressing, rather than channel addressing, views resources as
registers or memory that can be accessed with processor-to-memory transactions. Each bus entity is termed a
unit, to be individually addressed, reset, and identified. Multiple nodes can reside physically in a single module,
and multiple ports can reside in a single node.
Some key features of the 1394 topology are multimaster capabilities, live connect/disconnect (hot plugging)
capability, genderless cabling connectors on interconnect cabling, and dynamic node address allocation as
nodes are added to the bus. A maximum of 63 nodes can be connected to one network.
The cable-based physical interface uses dc-level line states for signaling during initialization and arbitration. Both
environments use dominant mode addresses for arbitration. The backplane environment does not have the
initialization requirements of the cable environment because it is a physical bus and does not contain repeaters.
Due to the differences, a backplane-to-cable bridge is required to connect these two environments.
The signals transmitted on both the cable and backplane environments are NRZ with data-strobe (DS) encoding.
DS encoding allows only one of the two signal lines to change each data bit-period, essentially doubling the jitter
tolerance, with very little additional circuitry overhead in the hardware.
11


Numéro de pièce similaire - SN74GTLP1394DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLP1394DR TI-SN74GTLP1394DR Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results

Description similaire - SN74GTLP1394DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2034 TI-SN74GTLP2034 Datasheet
435Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394 Datasheet
143Kb / 9P
[Old version datasheet]   2-BIT LVTTL-TO-GTL ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com