Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM49155 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM49155
Description  Uplink Noise Suppression & Downlink SNR Enhancement Analog Audio Subsystem
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM49155 Fiches technique(HTML) 5 Page - Texas Instruments

  LM49155 Datasheet HTML 1Page - Texas Instruments LM49155 Datasheet HTML 2Page - Texas Instruments LM49155 Datasheet HTML 3Page - Texas Instruments LM49155 Datasheet HTML 4Page - Texas Instruments LM49155 Datasheet HTML 5Page - Texas Instruments LM49155 Datasheet HTML 6Page - Texas Instruments LM49155 Datasheet HTML 7Page - Texas Instruments LM49155 Datasheet HTML 8Page - Texas Instruments LM49155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
26-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM49155TL/NOPB
NRND
DSBGA
YZR
36
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
GN7
LM49155TLX/NOPB
NRND
DSBGA
YZR
36
1000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
GN7
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Numéro de pièce similaire - LM49155

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM49155 TI1-LM49155 Datasheet
222Kb / 8P
[Old version datasheet]   Uplink Noise Suppression & Downlink SNR Enhancement Analog Audio Subsystem
LM49155TL TI1-LM49155TL Datasheet
222Kb / 8P
[Old version datasheet]   Uplink Noise Suppression & Downlink SNR Enhancement Analog Audio Subsystem
LM49155TLX TI1-LM49155TLX Datasheet
222Kb / 8P
[Old version datasheet]   Uplink Noise Suppression & Downlink SNR Enhancement Analog Audio Subsystem
More results

Description similaire - LM49155

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM49155 TI1-LM49155 Datasheet
222Kb / 8P
[Old version datasheet]   Uplink Noise Suppression & Downlink SNR Enhancement Analog Audio Subsystem
LMV1099 TI1-LMV1099 Datasheet
720Kb / 26P
[Old version datasheet]   Uplink Far Field Noise Suppression & Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
LMV1099 TI1-LMV1099_15 Datasheet
940Kb / 27P
[Old version datasheet]   LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
logo
Maxim Integrated Produc...
MAX97003 MAXIM-MAX97003 Datasheet
4Mb / 48P
   High-Efficiency, Low-Noise Audio Subsystem
Rev 0; 9/11
logo
Texas Instruments
TLC320AD80 TI1-TLC320AD80 Datasheet
235Kb / 37P
[Old version datasheet]   Audio Processor Subsystem
TLC320AD80C TI-TLC320AD80C Datasheet
219Kb / 36P
[Old version datasheet]   Audio Processor Subsystem
logo
TDK Electronics
VAF201610FA-1 TDK-VAF201610FA-1 Datasheet
209Kb / 4P
   Noise suppression filter For audio lines
logo
ON Semiconductor
NLAS6233 ONSEMI-NLAS6233 Datasheet
117Kb / 9P
   Audio DPDT Switch with Noise Suppression
October, 2007 - Rev. 0
NLAS6234 ONSEMI-NLAS6234 Datasheet
118Kb / 9P
   Audio DPDT Switch with Noise Suppression
October, 2007 - Rev. 1
logo
Renesas Technology Corp
ISL99203 RENESAS-ISL99203 Datasheet
1Mb / 16P
   High Efficiency Audio Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com