Moteur de recherche de fiches techniques de composants électroniques |
|
LM49153 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
LM49153 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 31 page VOLUME -80 dB to +12 dB VOLUME -80 dB to +12 dB BIAS LSOUT+ LSOUT- SET HPL HPR INM+/INL1 INM-/INR1 INL2 INR2 BYPASS SDA SCL GND CLASS G CHARGE PUMP C1N C1P CPGND EPOUT+ EPOUT- EP+ EP- LEVEL DETECT -12 dB to 6 dB -12 dB to 6 dB 2.7V - 5.5V MUX LSVDD VDD I2C INTERFACE 1 PF 1 PF 0.22 PF 0.22 PF 2.2 PF HPVDD 4.7 PF 4.7 PF 2.2 PF CPVSS CPVDD 10 PF 1 PF POWER LIMITER, NO CLIP AND NOISE GATE OUTPUT MODE SELECT 2.2 PF 10: 10: CLASS D +12 dB to +18 dB 30121063 LM49153 SNAS496C – JANUARY 2011 – REVISED MAY 2013 www.ti.com Typical Application Figure 1. Typical Audio Amplifier Application Circuit 2 Submit Documentation Feedback Copyright © 2011–2013, Texas Instruments Incorporated Product Folder Links: LM49153 |
Numéro de pièce similaire - LM49153 |
|
Description similaire - LM49153 |