Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4941 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4941
Description  1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4941 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM4941 Datasheet HTML 7Page - Texas Instruments LM4941 Datasheet HTML 8Page - Texas Instruments LM4941 Datasheet HTML 9Page - Texas Instruments LM4941 Datasheet HTML 10Page - Texas Instruments LM4941 Datasheet HTML 11Page - Texas Instruments LM4941 Datasheet HTML 12Page - Texas Instruments LM4941 Datasheet HTML 13Page - Texas Instruments LM4941 Datasheet HTML 14Page - Texas Instruments LM4941 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LM4941, LM4941SDBD, LM4941TMBD
www.ti.com
SNAS347C – JUNE 2006 – REVISED MAY 2013
When using DC coupled inputs, special care must be taken to match the values of the input resistors (Ri1 and
Ri2) to each other. Because of the balanced nature of differential amplifiers, resistor matching differences can
result in net DC currents across the load. This DC current can increase power consumption, internal IC power
dissipation, reduce PSRR, and possibly damaging the loudspeaker. The chart below demonstrates this problem
by showing the effects of differing values between the feedback resistors while assuming that the input resistors
are perfectly matched. The results below apply to the application circuit shown in Figure 1, and assumes that VDD
= 5V, RL = 8Ω, and the system has DC coupled inputs tied to ground.
Tolerance
Ri1
Ri2
V01–V02
ILOAD
20%
0.8R
1.2R
–0.500V
62.5mA
10%
0.9R
1.1R
–0.250V
31.25mA
5%
0.95R
1.05R
–0.125V
15.63mA
1%
0.99R
1.01R
–0.025V
3.125mA
0%
R
R
0
0
Since the same variations can have a significant effect on PSRR and CMRR performance, it is highly
recommended that the input resistors be matched to 1% tolerance or better for best performance.
Recommended TM Board Layout
Figure 21. Recommended TM Board Layout: Top
Figure 22. Recommended TM Board Layout: Top
Layer
Overlay
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4941 LM4941SDBD LM4941TMBD


Numéro de pièce similaire - LM4941

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Texas Instruments
LM4941 TI1-LM4941 Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941SDBD TI1-LM4941SDBD Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941TMBD TI1-LM4941TMBD Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
More results

Description similaire - LM4941

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Texas Instruments
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
National Semiconductor ...
LM4928 NSC-LM4928 Datasheet
1,004Kb / 20P
   1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
logo
Texas Instruments
LM4928 TI1-LM4928_14 Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
logo
National Semiconductor ...
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
[Old version datasheet]   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com