Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4929 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4929
Description  Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4929 Fiches technique(HTML) 1 Page - Texas Instruments

  LM4929 Datasheet HTML 1Page - Texas Instruments LM4929 Datasheet HTML 2Page - Texas Instruments LM4929 Datasheet HTML 3Page - Texas Instruments LM4929 Datasheet HTML 4Page - Texas Instruments LM4929 Datasheet HTML 5Page - Texas Instruments LM4929 Datasheet HTML 6Page - Texas Instruments LM4929 Datasheet HTML 7Page - Texas Instruments LM4929 Datasheet HTML 8Page - Texas Instruments LM4929 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM4929
www.ti.com
SNAS293B – DECEMBER 2004 – REVISED APRIL 2013
LM4929 Boomer™ Audio Power Amplifier Series Stereo 40mW Low Noise Headphone
Amplifier with OCL Output
Check for Samples: LM4929
1
FEATURES
DESCRIPTION
The LM4929 is an stereo audio power amplifier
23
OCL outputs — No DC Blocking Capacitors
capable
of
delivering
40mW
per
channel
of
External Gain-Setting Capability
continuous average power into a 16
Ω load or 25mW
Available in Space-Saving VSSOP Package
per channel into a 32
Ω load at 1% THD+N from a 3V
power supply.
Ultra Low Current Shutdown Mode
2V - 5.5V Operation
Boomer
audio
power
amplifiers
were
designed
specifically to provide high quality output power with a
Ultra Low Noise
minimal amount of external components. Since the
LM4929 does not require bootstrap capacitors or
APPLICATIONS
snubber networks, it is optimally suited for low-power
Portable CD players
portable systems. The LM4929 is configured for OCL
(Output Capacitor-Less) outputs, operating with no
PDAs
DC blocking capacitors on the outputs.
Portable Electronics Devices
The LM4929 features a low-power consumption
shutdown
mode
with
a
faster
turn
on
time.
KEY SPECIFICATIONS
Additionally, the LM4929 features an internal thermal
PSRR at 217Hz and 1kHz
shutdown protection mechanism.
Output Power at 1kHz with VDD = 2.4V,
The LM4929 is unity gain stable and may be
1% THD+N into a 16
Ω load, 65dB (Typ)
configured with external gain-setting resistors.
Output Power at 1kHz with VDD = 3V,
1% THD+N into a 16
Ω load, 25 mW (Typ)
Shutdown current, 40 mW (Typ), 2.0µA (Max)
Output Voltage change on release
from Shutdown VDD = 2.4V, RL = 16Ω, 1mV
(Max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM4929

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4929MM NSC-LM4929MM Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
More results

Description similaire - LM4929

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Texas Instruments
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
   Stereo 40mW Low Noise Headphone Amplifier
logo
Texas Instruments
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4925 NSC-LM4925 Datasheet
1Mb / 15P
   2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com